Electronic Components Datasheet Search
  English  ▼

X  

ML7344CE Datasheet(PDF) 83 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7344CE
Description  Sub-GHz(160MHz to 510MHz) band short range wireless transceiver IC
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7344CE Datasheet(HTML) 83 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7344CE Datasheet HTML 79Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 80Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 81Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 82Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 83Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 84Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 85Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 86Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 87Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 154 page
background image
FEDL7344C/E/J-05
ML7344C/E/J
83/154
(2) Other register setting associate with data rate change
Data rate can be cahnged by RX_DRATE[3:0] ([DRATE_SET(7-4)]) and TX_DRATE[3:0]
([DRATE_SET(3-0)]), below registers may have to be changed.
NOTE:
Depending on data rate, the following chage may not be necessary. For details, please refer to each register
description.
Registers
Parameters
Name
Address
Data rate
DRATE_SET
B0 0x06
CH_SPACE_H
B1 0x23
Channel space
CH_SPACE_L
B1 0x24
GFSK_DEV_H
B1 0x30
Frequency deviation(GFSK)
GFSK_DEV_L
B1 0x31
FSK_DEV0_H/GFIL0
B1 0x32
FSK_DEV0_L/GFIL1
B1 0x33
FSK_DEV1_H/GFIL2
B1 0x34
FSK_DEV1_L/GFIL3
B1 0x35
FSK_DEV2_H/GFIL4
B1 0x36
FSK_DEV2_L/GFIL5
B1 0x37
FSK_DEV3_H/GFIL6
B1 0x38
FSK_DEV3_L
B1 0x39
FSK_DEV4_H
B1 0x3A
Frequencydeviation (FSK)
FSK_DEV4_L
B1 0x3B
FSK_TIM_ADJ4
B1 0x3C
FSK_TIM_ADJ3
B1 0x3D
FSK_TIM_ADJ2
B1 0x3E
FSK_TIM_ADJ1
B1 0x3F
Frequency deviation time(FSK)
FSK_TIM_ADJ0
B1 0x40
IFF_ADJ_H
B0 0x5E
IF adjustment
IFF_ADJ_L
B0 0x5F
Demodulator adjustment1
DEMOD_SET1
B1 0x57
Demodulator adjustment2
DEMOD_SET2
B1 0x58
Demodulator adjustment3
DEMOD_SET3
B1 0x59
Demodulator adjustment4
DEMOD_SET4
B1 0x5A
Demodulator adjustment5
DEMOD_SET5
B1 0x5B
Demodulator adjustment6
DEMOD_SET6
B1 0x5C
Demodulator adjustment7
DEMOD_SET7
B1 0x5D
Demodulator adjustment8
DEMOD_SET8
B1 0x5E
Demodulator adjustment9
DEMOD_SET9
B1 0x5F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com