Electronic Components Datasheet Search
  English  ▼

X  

ML7344CE Datasheet(PDF) 61 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7344CE
Description  Sub-GHz(160MHz to 510MHz) band short range wireless transceiver IC
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7344CE Datasheet(HTML) 61 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7344CE Datasheet HTML 57Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 58Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 59Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 60Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 61Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 62Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 63Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 64Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 65Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 154 page
background image
FEDL7344C/E/J-05
ML7344C/E/J
61/154
(3) Combination with high speed carrier detection
[Intetval operation]
After wake-up timer completion, move to RX_ON state. Then perform CCA. If no carrier detected,
automatically move to SLEEP state. If carrier detected, maintaining RX_ON state and perform SuncWord
detection. If continuous operation timer completed before SyncWord detection, automatically move to SLEEP
state. And If SyncWord detected, continue RX_ON state.
[1 shot operation]
After wake-up timer completion, move to RX_ON state. And perform CCA to check carrier. If no carrier
detected, go back to SLEEP state automatically. After wake-up timer completion, wake-up to check the carrier
again. If carrier is detected, continue RX state. Able to go back to SLEEP by setting SLEEP parameters.
RXON
TXON
Wake-up timer
Wake up operation
enable setting
Continuous
operation timer
Wake-up timer operation range
[WUT_INTERVAL_H/L: B0 0x2F/0x30]
LSI state
SLEEP
RXON
Continuous operation timer range
[WU_DURATION: B0 0x28]
SyncWord detection before
continuous operation timer
completion
After RX completion, move to
SLEEP state by command.
SLEEP
RXON
SLEEP
RXON
SLEEP RXON
SLEEP
No carrier detection, and
move to SLEEP state.
Carrier detected, and
continue RX_ON.
Continuous operation
timer completion, and
move to SLEEP state.
[SLEEP/WU_SET: B0 0x2D(7-4)]=0b0011
FAST_DET_MODE_EN([CCA_CTRL: B0 0x39(3)])=0b1
RXON
TXON
Continuous
operation timer
Wake-up timer operation range
[WUT_INTERVAL_H/L: B0 0x2F/0x30]
LSI state
Wake-up operation
enable setting
SLEEP
RXON
By SLEEP command
go to SLEEP state.
SLEEP
RXON
SLEEP
SLEEP
No carrier detected.
go to SLEEP state
Carrier detected,
continue RXON
SLEEP
RXON
[SLEEPWU_SET: B0 0x2D(7-4)]=0b1011
FAST_DET_MODE_EN([CCA_CTRL: B0 0x39(3)])=0b1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com