Electronic Components Datasheet Search
  English  ▼

X  

ML7344CE Datasheet(PDF) 28 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7344CE
Description  Sub-GHz(160MHz to 510MHz) band short range wireless transceiver IC
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7344CE Datasheet(HTML) 28 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7344CE Datasheet HTML 24Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 25Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 26Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 27Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 28Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 29Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 30Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 31Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 32Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 154 page
background image
FEDL7344C/E/J-05
ML7344C/E/J
28/154
●State Diagram
Each state transition control is described in the following state diagram.
Fig.3 LSI state diagram
TX_ON
TRX_OFF
Force_TRX_OFF
SLEEP
TX completion
(TRX_OFF)
TX start
TRX_OFF
Force_TRX_OFF
SLEEP
RX_ON
VCO_CAL
completion
Start VCO_CAL
RX completion
(TRX_OFF)
RX start
(SyncWord detection)
RX_ON
TX_ON
RX_ON
Start VCO_CAL
TRX_OFF
Force_TRX_OFF
VCO_CAL completion
SLEEP
Exit from SLEEP
SLEEP
Exit from
DEEP SLEEP
DEEP
SLEEP
[STATE]
DEEP SLEEP
: DEEP SLEEP
SLEEP
: SLEEP
TRX_OFF/IDLE
: IDLE (TX-RX stand-by)
PLL_WAIT
: PLL stand-by
TX_ON
: TX ready (TX data waiting)
TRANSMIT
: TX on-going
RX_ON
: RX stand-by (RX data waiting)
RECEIVE
: RX on-going
VCO_CAL
: VCO calibration
Normal sequence
(state transition)
Command from
Higher layer state
ML7344 Self controlled state transition
State transition instruction
Pins control
TRASMIT
RECEIVE
RX_ON
TRX_OFF
Force_TRX_OFF
SLEEP
TX_ON
PLLWAIT
TRX_OFF
Force_TRX_OFF
SLEEP
RX_ON
TX_ON
Force_TRX_OFF
SLEEP
TRX_OFF
Force_TRX_OFF
SLEEP
TX_ON
Force_TRX_OFF
SLEEP
TRX_OFF
Force_TRX_OFF
SLEEP
VCOCAL
SLEEP
Exit from
SLEEP
TRX_OFF
IDLE
DEEP
SLEEP
Exit from
DEEP SLEEP
TX_ON
RX_ON
VCO_CAL
SLEEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com