Electronic Components Datasheet Search
  English  ▼

X  

ML7344CE Datasheet(PDF) 54 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7344CE
Description  Sub-GHz(160MHz to 510MHz) band short range wireless transceiver IC
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7344CE Datasheet(HTML) 54 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7344CE Datasheet HTML 50Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 51Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 52Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 53Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 54Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 55Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 56Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 57Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 58Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 154 page
background image
FEDL7344C/E/J-05
ML7344C/E/J
54/154
(2)In case of using SDI/SDO pins (sharing with SPI interface)
If SDI and SDO pins are used as DCLK/DIO, DCLK/DIO should be controlled as follow. (below DIO/DCLK
vertical line part indicate output or input period) Both SDO_CFG and SDI_CFG ([SDI/EXT_PA_CTRL:B0
0x53(5,4)]) should be set 0b1
[TX]
i) Continuous input mode (from host)
Set TXDIO_CTRL[1:0] ([DIO_SET: B0 0x0C(5-4)]) =0b01.
After TX_ON(SET_TRX[3:0] ([RF_STATUS: B0 0x0B(3-0)])=0x9), during SCEN pin is “H”, DCLK is
output from SDO pin., TX data can be input from DIO pin at falling edge of DCLK. TX data must be encoded
data. After TRX_OFF is issued (SET_TRX[3:0] ([RF_STATUS: B0 0x0B(3-0)])=0x8), DCLK output will
stop. During DCLK output, if SCEN pin becomes “L”, DCLK output will stop. (SPI access has priority)
NOTE:
Not to access SPI until TX completion. During packet transmission, if SPI access is attempted by the host, TX
data error can be expected.
ii) Data input mode (from host)
Set TXDIO_CTRL[1:0] ([DIO_SET: B0 0x0C(5-4)])=0b10.
After TX_ON, when SCEN is ”H”, DCLK is output from SDO pin during data input period after SyncWord.
At falling edge of DCLK, TX data should be input to SDI from the host. After TRX_OFF is issued
(SET_TRX[3:0] ([RF_STATUS: B0 0x0B(3-0)])=0x8), DCLK output will stop. During DCLK output period,
if SCEN becomes “L”, DCLK output will stop. (SPI access has a priority)
TX_ON
command
TRX_OFF
command
DIO(SDI)
TXON
TX data
DCLK(SDO)
Preamble
SyncWord
Data-field
SCEN
TX_ON
command
TRX_OFF
command
DIO(SDI)
TXON
TX data
DCLK(SDO)
Preamble
SyncWord
Data-field
SCEN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com