Electronic Components Datasheet Search
  English  ▼

X  

ML7344CE Datasheet(PDF) 73 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7344CE
Description  Sub-GHz(160MHz to 510MHz) band short range wireless transceiver IC
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7344CE Datasheet(HTML) 73 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7344CE Datasheet HTML 69Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 70Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 71Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 72Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 73Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 74Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 75Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 76Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 77Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 154 page
background image
FEDL7344C/E/J-05
ML7344C/E/J
73/154
NOTE:
*1 Digital filter delay is “AD conversion time * 8”. AD conversion time can be slected by ADC_CLK_SEL
([ADC_CLK_SET: B1 0x08(4)]). Reset value is 1.73MHz and AD conversion time is 18.5μs.
(2) Continuous mode
Continuous mode continues CCA untill terminated by the host MCU. CCA continuous mode will be executed
when RX_ON is issued while CCA_EN(CCA_CTRL: B0 0x39(4)])=0b1, CCA_CPU_EN(CCA_CTRL: B0
0x39(5)])=0b1 and CCA_IDLE_EN(CCA_CTRL: B0 0x39(6)])=0b0 are set.
Like normal mode, CCA judgement is determined by average ED value in [ED_RSLT: B0 0x3A] register and
CCA threshold defined by [CCA_LVL: B0 0x37] register. IF average ED value exceeds the CCA threshold
value, it is considered as “BUSY”. And CCA_RSLT[1:0]([CCA_CTRL: B0 0x39(1-0)]) = 0b01 is set.
If average ED value is smaller than CCA threshold value and maintains IDLE detection period which is
defined by IDLE_WAIT[9:0] of the [IDLE_WAIT_L: B0 0x3B], [IDLE_WAIT_H: B0 0x3C] registers, it is
considered as “IDLE”. And CCA_RSLT[1:0] =0b00 is set. For details operation of CCA_IDLE_WAIT[9:0],
please refer to ”IDLE detection for long time period”.
If an ED value exceeds the value defined by [CCA_IGNORE_LVL: B0 0x36] register, a given ED value is
included in the averaging target of ED value calculation, IDLE judgement is not performed. In this case if
average ED value exceeds CCA threshold level, it is considered as “BUSY” and CCA_RSLT[1:0] indicates
0b01. If average ED value is smaller than CCA threshold level, IDLE judgement is not determined. And
CCA_RSLT[1:0] indicates 0b11. For details operation of ED value execeeding [CCA_IGNORE_LVL: B0
0x36] register, please refer to ”IDLE determination exclusion under strong signal input”.
Continuous mode does not stop when “BUSY” or “IDLE” is detected. CCA operation continues until 0b1 is
set to CCA_STOP([CCA_CTRL: B0 0x39(7)]). Result is updated every time ED value is acquired. CCA
completion interrup (INT[18] group3) will not be generated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com