Electronic Components Datasheet Search
  English  ▼

X  

ML7344CE Datasheet(PDF) 101 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7344CE
Description  Sub-GHz(160MHz to 510MHz) band short range wireless transceiver IC
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7344CE Datasheet(HTML) 101 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7344CE Datasheet HTML 97Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 98Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 99Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 100Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 101Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 102Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 103Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 104Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 105Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 154 page
background image
FEDL7344C/E/J-05
ML7344C/E/J
101/154
●Energy detection value (ED value) adjustment
ED value is calculated by RSSI signal (analog signal) from RF part, By performing the following adjustment, it
is possible to correct the variation in LSIs.
[ED value]
ED value is calculated as following formula,
RSSI value = 1.35 * (input level[dBm] – variations[dBm] – other losses[dBm]) + offset
ED value (CCA threshold) = (RSSI value + RSSI_ADJ) * RSSI_MAG_ADJ
Value
Item
High Sensitivity Mode
High Linearity Mode
offset
164.5
156
Variation (individual, temp.)[dBm]
10
7
Other loss[dBm]
Antenna, matching circuits loss
RSSI_ADJ
The setting of [RSSI_VAL:B1 0x14]
RSSI_MAG_ADJ
The setting of [RSSI_ADJ: B0 0x66]
[ED value asjustment]
At first, inputting the low-level signal to ANT terminal. Adjusting the RSSI_ADJ value so that ED_VALUE
[ED_RSLT:B0 0x3A(7-0)] indicates the target value of the low-level signal.. Next inputting the high-level signal
and adjusting the RSSI_MAG_ADJ value so that ED_VALUE indicates the target value of the high-level signal.
Repeat several times in accordance with the required accuracy.
RSSI_ADJ
(B0 0x66)
RSSI_MAG_ADJ
(B1 0x13)
RF input level
high
low-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com