Electronic Components Datasheet Search
  English  ▼

X  

ML7344CE Datasheet(PDF) 108 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7344CE
Description  Sub-GHz(160MHz to 510MHz) band short range wireless transceiver IC
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7344CE Datasheet(HTML) 108 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7344CE Datasheet HTML 104Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 105Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 106Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 107Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 108Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 109Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 110Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 111Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 112Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 154 page
background image
FEDL7344C/E/J-05
ML7344C/E/J
108/154
■Flowcharts
Category
Condition 1
Condition 2
Name of flow
Turn on
Sequence
-
-
(1) Initialization flow
TX/RX
common
Sequence
-
-
(1) RF state transition wait
DIO mode
-
TX (1) DIO mode
Under 64 byte
TX (2) FIFO mode
FIFO mode
65 byte or more
(FAST_TX)
TX (3) FIFO mode
TX Sequence
Automatic TX
-
TX (4) automatic TX
DIO mode
-
RX (1) DIO mode
Under 64 byte
RX (2) FIFO mode
FIFO mode
65 byte or mode
RX (3) FIFO mode
ACK transmission
-
RX (4) ACK transmission
Field check
-
RX (5) Field checking
Normal mode
RX (6) CCA normal mode
Continuous execution
mode
RX (6) CCA continuous execution
mode
CCA
IDLE detection mode
RX (6) CCA IDLE detection mode
High speed carrier
checking
-
RX (7) high speed carrier checking
RX Sequence
ED-SCAN
-
RX (8) ED-SCAN
SLEEP
-
(1) SLEEP
SLEEP
Sequence
Wake-up timer
-
(2) Wake-up timer
Sync error
-
(1) Sync error
TX FIFO access error
-
(2) TX FIFO access error
RX FIFO access error
-
(3) RX FIFO access error
Error Process
PLL unlock
-
(4) PLL unlock
Data Rate
Change
Process
-
-
(1) Change Data Rate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com