Electronic Components Datasheet Search
  English  ▼

X  

DM9102 Datasheet(PDF) 22 Page - List of Unclassifed Manufacturers

Part # DM9102
Description  Single Chip Fast Ethernet NIC controller
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DM9102 Datasheet(HTML) 22 Page - List of Unclassifed Manufacturers

Back Button DM9102 Datasheet HTML 18Page - List of Unclassifed Manufacturers DM9102 Datasheet HTML 19Page - List of Unclassifed Manufacturers DM9102 Datasheet HTML 20Page - List of Unclassifed Manufacturers DM9102 Datasheet HTML 21Page - List of Unclassifed Manufacturers DM9102 Datasheet HTML 22Page - List of Unclassifed Manufacturers DM9102 Datasheet HTML 23Page - List of Unclassifed Manufacturers DM9102 Datasheet HTML 24Page - List of Unclassifed Manufacturers DM9102 Datasheet HTML 25Page - List of Unclassifed Manufacturers DM9102 Datasheet HTML 26Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 77 page
background image
DM9102A
Single Chip Fast Ethernet NIC controller
22
Final
Version: DM9102A-DS-F03
August 28, 2000
Interrupt & Latency Configuration (xxxxxx3c - PCIINT)
31
16
15
0
87
23
24
MAX_LAT
MIN_GNT
INT_PIN
INT_LINE
Maximum Latency Timer
Minimum Grant
Interrupt Pin
Interrupt Line
Bit
Default
Type
Description
31:24
28h
RO
Maximum Latency Timer that can be sustained (Read Only and Read As 28h)
23:16
14h
RO
Minimum Grant
Minimum Length of a Burst Period (Read Only and Read As 14h)
15:8
01h
RO
Interrupt Pin read as 01h to indicate INTA#
7:0
XXh
RW
Interrupt Line that Is Routed to the Interrupt Controller
The value depends on mainboard.
Device Specific Configuration Register (xxxxxx40h- PCIUSR)
31 30 29
16 15
8
0
Reserved
27 26
28
7
25 24 23
Device Specific
Link Event enable/disable
Sample Frame Event enable/disable
Magic Packet Event enable/disable
Link Event Status
Sample Frame Event Status
Magic Packet Event Status
Device Specific
Reserved
Bit
Default
Type
Description
31
0
RW
Device Specific Bit (sleep mode)
30
0
RW
Device Specific Bit (snooze mode)
29
0
RW
When set enable Link Status Change Wake-up Event
28
0
RW
When set enable Sample Frame Wake-up Event
27
0
RW
When set enable Magic Packet Wake-up Event
26
0
RO
When set, indicates link change and Link Status ChangeEvent occurred
25
0
RO
When set, indicates the sample frame is received and Sample Frame Event
occurred
24
0
RO
When set, indicates the Magic Packet is received and Magic packet Event occurred
23:16
00h
RO
Reserved Bits Read As 0
15:8
00h
RW
Device Specific
7:0
00h
RO
Reserved Bits Read As 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com