Electronic Components Datasheet Search
  English  ▼

X  

DM9102 Datasheet(PDF) 52 Page - List of Unclassifed Manufacturers

Part # DM9102
Description  Single Chip Fast Ethernet NIC controller
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DM9102 Datasheet(HTML) 52 Page - List of Unclassifed Manufacturers

Back Button DM9102 Datasheet HTML 48Page - List of Unclassifed Manufacturers DM9102 Datasheet HTML 49Page - List of Unclassifed Manufacturers DM9102 Datasheet HTML 50Page - List of Unclassifed Manufacturers DM9102 Datasheet HTML 51Page - List of Unclassifed Manufacturers DM9102 Datasheet HTML 52Page - List of Unclassifed Manufacturers DM9102 Datasheet HTML 53Page - List of Unclassifed Manufacturers DM9102 Datasheet HTML 54Page - List of Unclassifed Manufacturers DM9102 Datasheet HTML 55Page - List of Unclassifed Manufacturers DM9102 Datasheet HTML 56Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 77 page
background image
DM9102A
Single Chip Fast Ethernet NIC controller
52
Final
Version: DM9102A-DS-F03
August 28, 2000
31
0
OWN
Status
Control bits
Buffer Address
Next Descriptor Address
TDES0
TDES1
TDES2
TDES3
Buffer Length
OWN
Transmit Descriptor Format
TDES0: Owner Bit with Transmit Status
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
OWN
Bit 31: OWN,
1=owned by DM9102A, 0=owned by host, this bit should be
set when the transmitting buffer is filled with data and ready
to be transmitted. It will be reset by DM9102A after
transmitting the whole data buffer.
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
ES
EC
0
CC
TX
JT
LOC
NC
LC
0
FUE
DF
This word wide content includes status of transmitted frame.
They are loaded after the data buffer that belongs to the
corresponding descriptor is transmitted.
Bit 15: ES, Error Summary
It is set for the following error conditions:
Transmit Jabber Time-out (TXJT=1), Loss of Carrier
(LOC=1), No Carrier (NC=1), Late Collision (LC=1),
Excessive Collision (EC=1), FIFO Underrun Error (FUE=1).
Bit 14: TXJT, Transmit Jabber Time Out
It is set to indicate the transmitted frame is truncated due to
transmit jabber time out condition. The transmit jabber time
out interrupt CR5<3> is set.
Bit 11: LOC, Loss of Carrier
It is set to indicate the loss of carrier during the frame
transmission. It is not valid in internal loopback mode.
Bit 10: NC, No Carrier
It is set to indicate that no carrier signal from transceiver is
found. It is not valid in internal loopback mode.
Bit 9: LC, Late Collision
It is set to indicate a collision occurs after the collision
window of 64 bytes. Not valid if FUE is set.
Bit 8: EC, Excessive collision
It is set to indicate the transmission is aborted due to 16
excessive collisions.
Bit 7: Reserved
This bit is 0 when read.
Bits 6-3: CC, Collision Count
These bits show the number of collision before
transmission. Not valid if excessive collision bit is also set.
Bit 2: Reserved
This bit is 0 when read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com