Electronic Components Datasheet Search
  English  ▼

X  

DM9102 Datasheet(PDF) 27 Page - List of Unclassifed Manufacturers

Part # DM9102
Description  Single Chip Fast Ethernet NIC controller
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DM9102 Datasheet(HTML) 27 Page - List of Unclassifed Manufacturers

Back Button DM9102 Datasheet HTML 23Page - List of Unclassifed Manufacturers DM9102 Datasheet HTML 24Page - List of Unclassifed Manufacturers DM9102 Datasheet HTML 25Page - List of Unclassifed Manufacturers DM9102 Datasheet HTML 26Page - List of Unclassifed Manufacturers DM9102 Datasheet HTML 27Page - List of Unclassifed Manufacturers DM9102 Datasheet HTML 28Page - List of Unclassifed Manufacturers DM9102 Datasheet HTML 29Page - List of Unclassifed Manufacturers DM9102 Datasheet HTML 30Page - List of Unclassifed Manufacturers DM9102 Datasheet HTML 31Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 77 page
background image
DM9102A
Single Chip Fast Ethernet NIC controller
Final
27
Version: DM9102A-DS-F03
August 28, 2000
Bit
Name
Default
Description
0
SR
0,RW
Software Reset
When set, the DM9102A will make a internal reset cycle. All consequent action to
DM9102A2 should wait at least 32 PCI clock cycles to start and no necessary to
reset this bit.
2. Transmit Descriptor Poll Demand (CR1)
31
30
29 28 27 26 25 24 23 22 21 20 19 18
17
16
15
14
13 12
11 10
98
7
6
5
4
3
2
1
0
Bit
Name
Default
Description
31:0
TDP
FFFFFFFFh
,WO
Transmit Descriptor Polling Command
Writing any value to this port will force DM9102A to poll the transmit descriptor. If
the acting descriptor is not available, transmit process will return to suspend state.
If the descriptor shows buffer available, transmit process will begin the data
transfer.
3. Receive Descriptor Poll Demand (CR2)
31
30
29 28 27 26 25 24 23 22 21 20 19 18
17
16
15
14
13 12
11 10
98
7
6
5
4
3
2
1
0
Bit
Name
Default
Description
31:0
RDP
FFFFFFFFh
,WO
Receive Descriptor Polling Command
Writing any value to this port will force DM9102A to poll the receive descriptor. If the
acting descriptor is not available, receive process will return to suspend state. If the
descriptor shows buffer available, receive process will begin the data transfer.
4. Receive Descriptor Base Address (CR3)
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
9
8
7
6
5
4
3
2
1
0
0
0
0
0
Bit
Name
Default
Description
31:0
RDBA
00000000h
,RW
Receive Descriptor Base Address
This register defines base address of receive descriptor-chain. The receive
descriptor- polling command after CR3 is set will make DM9102A to fetch the
descriptor at the Base-Address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com