Electronic Components Datasheet Search
  English  ▼

X  

DM9102 Datasheet(PDF) 24 Page - List of Unclassifed Manufacturers

Part # DM9102
Description  Single Chip Fast Ethernet NIC controller
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DM9102 Datasheet(HTML) 24 Page - List of Unclassifed Manufacturers

Back Button DM9102 Datasheet HTML 20Page - List of Unclassifed Manufacturers DM9102 Datasheet HTML 21Page - List of Unclassifed Manufacturers DM9102 Datasheet HTML 22Page - List of Unclassifed Manufacturers DM9102 Datasheet HTML 23Page - List of Unclassifed Manufacturers DM9102 Datasheet HTML 24Page - List of Unclassifed Manufacturers DM9102 Datasheet HTML 25Page - List of Unclassifed Manufacturers DM9102 Datasheet HTML 26Page - List of Unclassifed Manufacturers DM9102 Datasheet HTML 27Page - List of Unclassifed Manufacturers DM9102 Datasheet HTML 28Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 77 page
background image
DM9102A
Single Chip Fast Ethernet NIC controller
24
Final
Version: DM9102A-DS-F03
August 28, 2000
Power Management Control/Status (xxxxxx54h~PMCSR)
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
31
R/W
0
0
0
0
0
0
R/W
0
0
0
0
0
0
R/W
16
15
14
9
8
7
2
1 0
PME_Status
PME_En
Power_State
Bit
Default
Type
Description
31:16
0000h
RO
Reserved
15
0
RW/C
PME_Status
This bit is set when the function would normally assert the PME# signal
independent of the state of the PME_En bit.Writing a “1” to this bit will clear it.
This bit defaults to “0” if the function does not support PME# generation from
D3(cold).If the function supports PME# from D3(cold) then this bit is sticky and
must be explicitly cleared by the operating system each time the operating
system is initially loaded.
14:9
000000
RO
Reserved.
It means that the DM9102A does not support reporting power consumption.
8
1
RW
PME_En
Write “1” to enables the function to assert PME#, write “0” to disable PME#
assertion.
This bit defaults to “0” if the function does not support PME# generation from
D3(cold).
If the function supports PME# from D3(cold) then this bit is sticky and must be
explicitly cleared by the operating system each time the operating system is
initially loaded.
7:2
000000
RO
Reserved
1:0
00
RW
This two bits field is both used to determine the current power state of a function
and to set the function into a new power state. The definitions given below.
00 : D0
11 : D3(hot)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com