Electronic Components Datasheet Search
  English  ▼

X  

DM9102 Datasheet(PDF) 30 Page - List of Unclassifed Manufacturers

Part # DM9102
Description  Single Chip Fast Ethernet NIC controller
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DM9102 Datasheet(HTML) 30 Page - List of Unclassifed Manufacturers

Back Button DM9102 Datasheet HTML 26Page - List of Unclassifed Manufacturers DM9102 Datasheet HTML 27Page - List of Unclassifed Manufacturers DM9102 Datasheet HTML 28Page - List of Unclassifed Manufacturers DM9102 Datasheet HTML 29Page - List of Unclassifed Manufacturers DM9102 Datasheet HTML 30Page - List of Unclassifed Manufacturers DM9102 Datasheet HTML 31Page - List of Unclassifed Manufacturers DM9102 Datasheet HTML 32Page - List of Unclassifed Manufacturers DM9102 Datasheet HTML 33Page - List of Unclassifed Manufacturers DM9102 Datasheet HTML 34Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 77 page
background image
DM9102A
Single Chip Fast Ethernet NIC controller
30
Final
Version: DM9102A-DS-F03
August 28, 2000
This bit is set when the DM9102A fetches the next transmit descriptor that is still
owned by the host. Transmit process will be suspended until the transmit polling
command is set or auto-polling timer time-out.
1
TXPS
0,RW
Transmit Process Stopped
This bit is set to indicate transmit process enters the stopped state.
0
TXCI
0,RW
Transmit Complete Interrupt
This bit is set when a frame is fully transmitted and transmit status has been written to
descriptor (the TDES1<31> is also asserted). Transmit process is still running and
continues to fetch next descriptor.
7. Network Operation Mode Register (CR6)
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
987
6
54
3
2
1
0
0
00
1
1
0
0
00
0
0
Bit
Name
Default
Description
30
RXA
0,RW
Receive All
When set, all incoming packet will be received, regardless the destination address.
The address match is checked according to theCR6<7>, CR6<6>, CR6<4>,
CR6<2>, CR6<0>, and RDES0<30> will show this match.
29
NPFIFO
0,RW
Set to not purge RX FIFO if RX buffer unavailable
28:26
Reserved
000,RO
Must be Zero
25
Reserved
1,RO
Must be One
24:23
Reserved
00,RO
Must be Zero
22
TXTM
1,RW
Transmit Threshold Mode
When set, the transmit threshold mode is 10Mb/s. When reset, the threshold mode
is 100Mb/s. This bit is used together with CR6<15:14> to decide the exact
threshold level.
21
SFT
0,RW
Store and Forward Transmit
When set, the packet transmission from MAC will be started after a full frame has
been moved from the host memory to transmit FIFO. When reset, the packet
transmission’s start will depend on the threshold value specified in CR6<15:14>
20
STI
0,RW
Start Transmission Immediately
When this bit is set, the packet transmission fromMAC will be started immediately
after transmit FIFO’s threshold level reaches 16 bytes, regardless of the setting in
CR6<22> and CR6<15:14>. This mode will make transmit FIFO underrun
condition to happen more easily.
19
Reserved
0,RO
Reserved
18
External
MII_Mode
1,RW
1: Select external MII interface.
0: Select external SRL interface.
In external MII mode that the pins TEST1, TEST2, and CLOCKRUN# are forced to
low, the DM9102A bypasses internal PHY and uses external PHY, by setting this
bit properly.
See page 66 for details.
17
Reserved
0,RO
Reserved
16
1pkt
0,RW
One Packet Mode
When this bit is set, only one packet is stored at TX FIFO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com