Electronic Components Datasheet Search
  English  ▼

X  

DM9102 Datasheet(PDF) 75 Page - List of Unclassifed Manufacturers

Part # DM9102
Description  Single Chip Fast Ethernet NIC controller
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DM9102 Datasheet(HTML) 75 Page - List of Unclassifed Manufacturers

Back Button DM9102 Datasheet HTML 69Page - List of Unclassifed Manufacturers DM9102 Datasheet HTML 70Page - List of Unclassifed Manufacturers DM9102 Datasheet HTML 71Page - List of Unclassifed Manufacturers DM9102 Datasheet HTML 72Page - List of Unclassifed Manufacturers DM9102 Datasheet HTML 73Page - List of Unclassifed Manufacturers DM9102 Datasheet HTML 74Page - List of Unclassifed Manufacturers DM9102 Datasheet HTML 75Page - List of Unclassifed Manufacturers DM9102 Datasheet HTML 76Page - List of Unclassifed Manufacturers DM9102 Datasheet HTML 77Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 75 / 77 page
background image
DM9102A
Single Chip Fast Ethernet NIC controller
Final
Version: DM9102A-DS-F03
August 28, 2000
75
Package Information
QFP 128L Outline Dimensions
Unit: Inches/mm
L
L1
Detail F
θθθθ
Seating Plane
See Detail F
y
0.10
See Detail A
y
B
e
138
128
103
65
102
D
D1
E1
E
64
39
With Plating
Base
Metal
Detail A
C
B
Symbol
Dimension In Inch
Dimension In mm
A
0.134 Max.
3.40 Max.
A1
0.010 Min.
0.25 Min.
A2
0.112
± 0.005
2.85
± 0.12
B
0.009
± 0.002
0.22
±0.05
C
0.006
± 0.002
0.145
± 0.055
D
0.913
± 0.007
23.20
± 0.20
D1
0.787
± 0.004
20.00
± 0.10
E
0.677
± 0.008
17.20
± 0.20
E1
0.551
± 0.004
14.00
± 0.10
e
0.020 BSC
0.5 BSC
L
0.035
± 0.006
0.88
± 0.15
L1
0.063 BSC
1.60 BSC
y
0.004 Max.
0.10 Max.
θ
0
°~12°
0
°~12°
Note:
1.
Dimension D1 and E1 do not include resin fins.
2.
All dimensions are based on metric system.
3.
General appearance spec. should base itself on final visual inspection spec.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com