Electronic Components Datasheet Search
  English  ▼

X  

DM9102 Datasheet(PDF) 50 Page - List of Unclassifed Manufacturers

Part # DM9102
Description  Single Chip Fast Ethernet NIC controller
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DM9102 Datasheet(HTML) 50 Page - List of Unclassifed Manufacturers

Back Button DM9102 Datasheet HTML 46Page - List of Unclassifed Manufacturers DM9102 Datasheet HTML 47Page - List of Unclassifed Manufacturers DM9102 Datasheet HTML 48Page - List of Unclassifed Manufacturers DM9102 Datasheet HTML 49Page - List of Unclassifed Manufacturers DM9102 Datasheet HTML 50Page - List of Unclassifed Manufacturers DM9102 Datasheet HTML 51Page - List of Unclassifed Manufacturers DM9102 Datasheet HTML 52Page - List of Unclassifed Manufacturers DM9102 Datasheet HTML 53Page - List of Unclassifed Manufacturers DM9102 Datasheet HTML 54Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 77 page
background image
DM9102A
Single Chip Fast Ethernet NIC controller
50
Final
Version: DM9102A-DS-F03
August 28, 2000
31
0
OWN
Status
Control bits
Buffer Address
Next Descriptor Address
RDES0
RDES1
RDES2
RDES3
Buffer Length
OWN
Receive Descriptor Format
RDES0:
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
OWN
Frame Length ( FL )
AUN
OWN: Owner bit of received status
1=owned by DM9102, 0=owned by host
This bit should be reset after packet reception is completed.
The host will set this bit after received data is removed.
AUN: Received address unmatched.
FL: Frame Length
Frame length indicating total byte count of received packet.
1 5
1 4
1 3
1 2
1 1
1 0
9
8
7
6
5
4
3
2
1
0
ES
R F
CE
MF
D U E
LBOM
B D
E D
TLF
LCS
F T
R W T P L E
A E
FOE
EFL
This word-wide content includes status of received frame.
They are loaded after the received buffer that belongs to the
corresponding descriptor is full. All status bits are valid only
when the last descriptor (End Descriptor) bit is set.
Bit 15: ES, Error Summary
It is set for the following error conditions:
Descriptor Unavailable Error (DUE =1), Runt Frame
(RF=1), Excessive Frame Length (EFL=1), Late Collision
Seen (LCS=1), CRC error (CE=1), FIFO Overflow error
(FOE=1). Valid only when ED is set.
Bit 14: DUE, Descriptor Unavailable Error
It is set when the frame is truncated due to the buffer
unavailable. It is valid only when ED is set.
Bit 13,12: LBOM, Loopback Operation Mode
These two bits show the received frame is derived from:
00 --- normal operation
01 --- internal loopback
10 --- PHY loopback
11 --- external loopback
Bit 11: RF, Runt Frame
It is set to indicate the received frame has the sizesmaller
than 64 bytes. It is valid only when ED is set and FOE is
reset.
Bit 10: MF, Multicast Frame
It is set to indicate the received frame has a multicast
address. It is valid only when ED is set.
Bit 9: BD, Begin Descriptor
This bit is set for the descriptor indicating start of a received
frame.
Bit 8: ED, Ending Descriptor
This bit is set for descriptor to indicate end of a received
frame.
Bit 7: EFL, Excessive Frame Length
It is set to indicate the received frame length exceeds 1518
bytes. Valid only when ED is set.
Bit 6: LCS: Late Collision Seen
It is set to indicate a late collision found during the frame
reception. Valid only when ED is set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com