Electronic Components Datasheet Search
  English  ▼

X  

DM9102 Datasheet(PDF) 38 Page - List of Unclassifed Manufacturers

Part # DM9102
Description  Single Chip Fast Ethernet NIC controller
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DM9102 Datasheet(HTML) 38 Page - List of Unclassifed Manufacturers

Back Button DM9102 Datasheet HTML 34Page - List of Unclassifed Manufacturers DM9102 Datasheet HTML 35Page - List of Unclassifed Manufacturers DM9102 Datasheet HTML 36Page - List of Unclassifed Manufacturers DM9102 Datasheet HTML 37Page - List of Unclassifed Manufacturers DM9102 Datasheet HTML 38Page - List of Unclassifed Manufacturers DM9102 Datasheet HTML 39Page - List of Unclassifed Manufacturers DM9102 Datasheet HTML 40Page - List of Unclassifed Manufacturers DM9102 Datasheet HTML 41Page - List of Unclassifed Manufacturers DM9102 Datasheet HTML 42Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 77 page
background image
DM9102A
Single Chip Fast Ethernet NIC controller
38
Final
Version: DM9102A-DS-F03
August 28, 2000
2
JC
0,RW
Jabber Clock
When set, the transmission is cut off after a range of 2048 bytes to 2560 bytes is
transmitted.
When resets, transmission for the 10Mbps port is cut off after a range of 26ms to
33ms.
When resets, transmission for the 100Mbps port is cut off after a range of 2.6ms to
3.3ms.
1
TUNJ
0,RW
Transmit Unjabber Interval
This bit is used to select the time interval between transmit jabber timer expiration
until re-enabling of the transmit channel. When set, transmit channel is released
right after the jabber expiration. When reset, the time interval is 365~420ms for
10Mb/s port and 36.5~42.0ms for 100Mb/s.
0
TJE
0,RW
Transmit Jabber Disable
When set, the transmit Jabber Timer is disabled. Otherwise it is enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com