Electronic Components Datasheet Search
  English  ▼

X  

DM9102 Datasheet(PDF) 37 Page - List of Unclassifed Manufacturers

Part # DM9102
Description  Single Chip Fast Ethernet NIC controller
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DM9102 Datasheet(HTML) 37 Page - List of Unclassifed Manufacturers

Back Button DM9102 Datasheet HTML 33Page - List of Unclassifed Manufacturers DM9102 Datasheet HTML 34Page - List of Unclassifed Manufacturers DM9102 Datasheet HTML 35Page - List of Unclassifed Manufacturers DM9102 Datasheet HTML 36Page - List of Unclassifed Manufacturers DM9102 Datasheet HTML 37Page - List of Unclassifed Manufacturers DM9102 Datasheet HTML 38Page - List of Unclassifed Manufacturers DM9102 Datasheet HTML 39Page - List of Unclassifed Manufacturers DM9102 Datasheet HTML 40Page - List of Unclassifed Manufacturers DM9102 Datasheet HTML 41Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 77 page
background image
DM9102A
Single Chip Fast Ethernet NIC controller
Final
37
Version: DM9102A-DS-F03
August 28, 2000
24:22
ERIT
000,RW
Early Receive Interrupt Threshold
These three bits determine the threshold of the received packet data from RX FIFO
to host memory.
bit24
bit 23
bit22
threshold (percentage)
0
0
0
Disable
0
0
1
12.5%
0
1
0
25.0%
0
1
1
37.5%
1
0
0
50.0%
1
0
1
62.5%
1
1
0
75.0%
1
1
1
87.5%
21:16
FIFOT
000000
,RW
RX FIFO flow control threshold option
The value of bit21~16 determine the threshold of RX FIFO overflow when in flow
control mode. The exact threshold is 32bytes multiplied by this value.
15
TXPM
0,RW
Transmit pause packet condition control
1 = Indicate Transmit pause packet either CR15<11> or CR15<12> is set.
0 = Indicate Transmit pause packet both CR15<11> and CR15<12> are set.
14
TXP0
0,RW
Transmit pause packet
Set to Transmit pause packet with pause timer = 0000h
13
TXPF
0,RW
Transmit pause packet
Set to Transmit pause packet with pause timer = FFFFh, this bit will be cleared if
packet had transmitted.
12
TXPE1
0,RW
Transmit pause packet enable
Set to enable Transmit pause packet if descriptor unavailable
11
TXPE2
0.RW
Transmit pause packet enable
Set to enable Transmit pause packet with time = FFFFh if FIFO near overflow, or
with time = 0000h if FIFO empty.
10
FLCE
0,RW
Flow Control Enable
Set to enable the decode of the pause packet.
9
RXPS
0,R/C
The latched status of the decode of the pause packet.
8
Reserved
0,RO
Reserved.
7
RXPCS
0,RO
Of the decode of the pause packet.
6
VLAN
0,RW
VLAN Capability Enable
It is set to enable the VLAN mode.
5
TWDR
0,RW
Time Interval of Watchdog Release
This bit is used to select the time interval between receive Watchdog timer
expiration until re-enabling of the receive channel. When this bit is set, the time
interval is 40~48 bits time. When this bit is reset, it is 16~24 bits time.
4
TWDE
0,RW
Watchdog Timer Disable
When set, the Watchdog Timer is disabled. Otherwise it is enabled.
3
Reserved
0,RO
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com