Electronic Components Datasheet Search
  English  ▼

X  

DM9102 Datasheet(PDF) 47 Page - List of Unclassifed Manufacturers

Part # DM9102
Description  Single Chip Fast Ethernet NIC controller
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DM9102 Datasheet(HTML) 47 Page - List of Unclassifed Manufacturers

Back Button DM9102 Datasheet HTML 43Page - List of Unclassifed Manufacturers DM9102 Datasheet HTML 44Page - List of Unclassifed Manufacturers DM9102 Datasheet HTML 45Page - List of Unclassifed Manufacturers DM9102 Datasheet HTML 46Page - List of Unclassifed Manufacturers DM9102 Datasheet HTML 47Page - List of Unclassifed Manufacturers DM9102 Datasheet HTML 48Page - List of Unclassifed Manufacturers DM9102 Datasheet HTML 49Page - List of Unclassifed Manufacturers DM9102 Datasheet HTML 50Page - List of Unclassifed Manufacturers DM9102 Datasheet HTML 51Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 77 page
background image
DM9102A
Single Chip Fast Ethernet NIC controller
Final
47
Version: DM9102A-DS-F03
August 28, 2000
16.1
SLEEP
0,RW
Sleep Mode:
Writing a 1 to this bit will cause PHY entering the Sleep mode and power
down all circuit except oscillator and clock generator circuit. When waking up
from Sleep mode (write this bit to 0), the configuration will go back to the state
before sleep; but the state machine will be reset
16.0
RLOUT
0,RW
Remote Loop out Control:
When this bit is set to 1, the received data will loop out to the transmit channel.
This is useful for bit error rate testing
DAVICOM Specified Configuration and Status Register (DSCSR) - 11h
Bit
Name
Default
Description
17.15
100FDX
1, RO
100M Full Duplex Operation Mode:
After Auto-negotiation is completed, results will be written to this bit. If this bit is
1, it means the operation 1 mode is a 100Mbps Full Duplex mode. The
software can read bit[15:12] to see which mode is selected after Auto-
negotiation. This bit is invalid when it is not in the Auto-negotiation mode.
17.14
100HDX
1, RO
100M Half Duplex Operation Mode:
After Auto-negotiation is completed, results will be written to this bit. If this bit is
1, it means the operation 1 mode is a 100Mbps Half Duplex mode. The
software can read bit[15:12] to see which mode is selected after Auto-
negotiation. This bit is invalid when it is not in the Auto-negotiation mode.
17.13
10FDX
1, RO
10M Full Duplex Operation Mode:
After Auto-negotiation is completed, results will be written to this bit. If this bit is
1, it means the operation 1 mode is a 10Mbps Full Duplex mode. The
software can read bit[15:12] to see which mode is selected after Auto-
negotiation. This bit is invalid when it is not in the Auto-negotiation mode.
17.12
10HDX
1, RO
10M Half Duplex Operation Mode:
After Auto-negotiation is completed, results will be written to this bit. If this bit is
1, it means the operation 1 mode is a 10Mbps Half Duplex mode. The
software can read bit[15:12] to see which mode is selected after Auto-
negotiation. This bit is invalid when it is not in the Auto-negotiation mode.
17.11-17.9
Reserved
000, RW
Reserved:
Write as 0, ignore on read
17.8-17.4
PHYAD[4:0]
00001, RW PHY Address Bit 4:0:
The first PHY address bit transmitted or received is the MSB of the address
(bit 4). A station management entity connected to multiple PHY entities must
know the appropriate address of each PHY. A PHY address of <00000> will
cause the isolate bit of the BMCR (bit 10, Register Address 00) to be set.
17.3-17.0
ANMB[3:0]
0000, RO Auto-negotiation Monitor Bits:
These bits are for debug only. The Auto-negotiation status will be written to
these bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com