Electronic Components Datasheet Search
  English  ▼

X  

DM9102 Datasheet(PDF) 58 Page - List of Unclassifed Manufacturers

Part # DM9102
Description  Single Chip Fast Ethernet NIC controller
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DM9102 Datasheet(HTML) 58 Page - List of Unclassifed Manufacturers

Back Button DM9102 Datasheet HTML 54Page - List of Unclassifed Manufacturers DM9102 Datasheet HTML 55Page - List of Unclassifed Manufacturers DM9102 Datasheet HTML 56Page - List of Unclassifed Manufacturers DM9102 Datasheet HTML 57Page - List of Unclassifed Manufacturers DM9102 Datasheet HTML 58Page - List of Unclassifed Manufacturers DM9102 Datasheet HTML 59Page - List of Unclassifed Manufacturers DM9102 Datasheet HTML 60Page - List of Unclassifed Manufacturers DM9102 Datasheet HTML 61Page - List of Unclassifed Manufacturers DM9102 Datasheet HTML 62Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 77 page
background image
DM9102A
Single Chip Fast Ethernet NIC controller
58
Final
Version: DM9102A-DS-F03
August 28, 2000
Power Management
1. Overview
The DM9102A supports power management mechanism. It
complies with the ACPI Specification Rev 1.0, the Network
Device Class Power Management Specification Rev 1.0,
and PCI Bus Power Management Interface Specification
Rev 1.0. In addition, it also support Wake-On LAN (WOL)
which is the features of the AMD’s Magic Packet™
technology. With this function, it can wake-up a remote
sleeping station.
2. PCI Function Power Management States
The DM9102A supports PCI function power states D0,
D3(hot), D3(cold), and not supports D1, D2 states.
Additional PCI signal PME# (power management event,
open drain) to pin A19 of the standard PCI connector.
D0: normal & fully functional state
D3(hot) : For controller, configuration space can be
accessed and wake-up on LAN circuit can be enabled.
PME# operational circuit is active, full function is supported
to detect the wake-up Frame & Link status. Because of
functions in D3(hot) must respond to configuration space
accesses as long as power and clock are supplied so that
they can be returned to D0 state by software.
D3(cold) : If Vcc is removed from a PCI device, all of its PCI
functions transition immediately to D3(cold), no bus
transaction is active under no pci_clk condition and wake-up
on LAN operation should be alive. PME# operational circuit
is active. Full function is supported under auxiliary power to
detect the wake-up Frame & Link status. When power
restored, PCI RST# must be asserted and functions will
return to D0 with a full PCI Spec. 2.2 compliant power-on
reset sequence. The power required in D3(cold) must be
provided by some auxiliary power source.
3. The Power Management Operation
It complies with the PCI Bus Power Management Interface
Specification Rev. 1.0. The Power ManagementEvent
(PME#) signal is an optional open drain, active low signal
that is intended to be driven low by a PCI function to request
a change in its current power management state and/or to
indicate that a power management event has occurred.
The PME# signal has been assigned to pin A19 of the
standard PCI Connector configuration. The assertion and
de-assertion of PME# is asynchronous to the PCI clock.
Software will enable its use by setting the PME_En bit in the
PMCSR (write 1 to PMCSR<8>). When a PCI function
generates or detects an event that requires the system to
change its power state, the function will assert PME#. It
must continue to assert PME# until software either clears
the PME_En bit (PMCSR<8> is set to 0) or clears the
PME_Status bit in the PMCSR (write 1 to PMCSR<15>).
DM9102A support three main categories of network device
wake-up events specified in Network Device Class Power
Management Rev1.0. That is, the DM9102A can monitor
the network for a Link Change, Magic Packet or a Wake-up
Frame and notify the system by generating PME# if any of
three events occurs. Program the PCIUSR (offset = 40h)
can select the PME# event, and write 1 to PMCSR<15> will
clear the PME#.
a. Detect Network Link State Change
Any link status change will set the wake-up event.
1. Writes 1 into PMCSR<15>(54h) to clear previous PME#
status
2. Writes 1 into PMCSR<8> to enable PME# function
3. Writes 1 into PCIUSR<29> to enable the link status
change function
b. Active Magic Packet Function
Could be optionally enabled from EEPROM contents. Send
a setup frame with a magic node address at first filter
address using perfect address filtering mode.
1. Writes 1 into PMCSR<15> to clear previous PME status
2. Writes 1 into PMCSR<8> to enable PME# function
3. Writes 1 into PCIUSR<27> to enable magic packet
function.
c. Active the Sample Frame Function
Could be optionally enabled from PCIUSR<28>. Sample
frame data and corresponding byte mask are loaded into
transmit FIFO & receive FIFO before entering D3(hot). The
software driver has to stop the TX/RX process before setting
the sample frame and byte mask into the FIFO. Transmit &



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com