Electronic Components Datasheet Search
  English  ▼

X  

DM9102 Datasheet(PDF) 31 Page - List of Unclassifed Manufacturers

Part # DM9102
Description  Single Chip Fast Ethernet NIC controller
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DM9102 Datasheet(HTML) 31 Page - List of Unclassifed Manufacturers

Back Button DM9102 Datasheet HTML 27Page - List of Unclassifed Manufacturers DM9102 Datasheet HTML 28Page - List of Unclassifed Manufacturers DM9102 Datasheet HTML 29Page - List of Unclassifed Manufacturers DM9102 Datasheet HTML 30Page - List of Unclassifed Manufacturers DM9102 Datasheet HTML 31Page - List of Unclassifed Manufacturers DM9102 Datasheet HTML 32Page - List of Unclassifed Manufacturers DM9102 Datasheet HTML 33Page - List of Unclassifed Manufacturers DM9102 Datasheet HTML 34Page - List of Unclassifed Manufacturers DM9102 Datasheet HTML 35Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 77 page
background image
DM9102A
Single Chip Fast Ethernet NIC controller
Final
31
Version: DM9102A-DS-F03
August 28, 2000
15:14
TSB
0,RW
Threshold Bits
These bits are set together with CR6<22> (chose 10Mb or 100Mb) and will decide
the exact FIFO threshold level. The packet transmission will start after the data level
exceeds the threshold value.
Bit15
Bit14
Threshold(100M)
Threshold(10M)
0
0
128
72
0
1
256
96
1
0
512
128
1
1
Reserved
Reserved
13
TXSC
0,RW
Transmit Start/stop Command
When set, transmit process will begin by fetching the transmit descriptor for
available packet data to be transmitted (running state). If the fetched descriptor is
owned by the host, transmit process will enter the suspend state and transmit buffer
unavailable (CR5<2>) is set. Otherwise it will begin to move data from host to
FIFO and transmit out after reaching threshold level.
When reset, transmit process is placed in the stopped state after completing the
transmission of the current frame.
12
FCM
0,RW
Force Collision Mode
When set, the transmission process is forced to be the collision status. Meaningful
only in the internal loopback mode.
11:10
LBM
0,RW
Loopback Mode
These bits decide two loopback modes besides normal operation. External
loopback mode expects transmitted data back to receive path and makes no
collision detection.
Bit11
Bit10
Loopback Mode
0
0
normal
0
1
internal loopback
1
0
internal PHY digital loopback
1
1
internal PHY analog loopback
9
FDM
0,RW
Full-duplex Mode
This bit is set to make DM9102A operate in the full-duplex mode. Transmit and
receive processes can work simultaneously.
There is no collision detection needed during this mode operation.
8
Reserved
0,RO
Must be zero.
7
PAM
0,RW
Pass All Multicast
When set, any packet with a multicast destination address is received by the
DM9102A. The packet with a physical address will also be filtered based on the
filter mode setting.
6
PM
1,RW
Promiscuous mode
When set, any incoming valid frame is received by the DM9102A, and no matter
what the destination address. The DM9102A is initialized to this mode after reset
operation.
5
Reserved
0,RO
Must be Zero.
4
IAFM
0,RO
Inverse Address Filtering Mode
It is set to indicate the DM9102A operate in a Inverse Filtering Mode. This is a read
only bit and mapped from the setup frame together with CR6<2>, CR6<0> setting.
That is, it is valid only during perfect filtering mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com