Electronic Components Datasheet Search
  English  ▼

X  

DM9102 Datasheet(PDF) 66 Page - List of Unclassifed Manufacturers

Part # DM9102
Description  Single Chip Fast Ethernet NIC controller
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DM9102 Datasheet(HTML) 66 Page - List of Unclassifed Manufacturers

Back Button DM9102 Datasheet HTML 62Page - List of Unclassifed Manufacturers DM9102 Datasheet HTML 63Page - List of Unclassifed Manufacturers DM9102 Datasheet HTML 64Page - List of Unclassifed Manufacturers DM9102 Datasheet HTML 65Page - List of Unclassifed Manufacturers DM9102 Datasheet HTML 66Page - List of Unclassifed Manufacturers DM9102 Datasheet HTML 67Page - List of Unclassifed Manufacturers DM9102 Datasheet HTML 68Page - List of Unclassifed Manufacturers DM9102 Datasheet HTML 69Page - List of Unclassifed Manufacturers DM9102 Datasheet HTML 70Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 77 page
background image
DM9102A
Single Chip Fast Ethernet NIC controller
66
Final
Version: DM9102A-DS-F03
August 28, 2000
External MII/SRL Interface
DM9102A provides one external MII/SRL interface sharing
with all the pins with Boot ROM interface. This external
MII/SRL interface can be connected with external PHYceiver
such as Home Networking PHYceiver or other future
technology applications. This external MII/SRL interface can
be set up by hardware and software. The setup methods are
listed as below:
Test 1 (pin 75)
Test 2 (pin 71)
Clkrun# (pin 36)
MA8 (pin 84)
MA9 (pin 85)
Normal Operation
01
X
X
X
External MII mode
00
0
0
1/0
Note 1
External SRL mode
00
0
1
1/0
Note 2
Internal Test mode
1X
X
X
X
Note 1: External MII mode
MA9 = 1 (Set up by harware; Mode cannot be changed.)
MA9 = 0 & MII_Mode = 1 (Select external MII interface; Mode can be changed by software.)
Where MII_Mode is the bit 18 of CR6.
Note 2: External MII mode:
MA9 = 1 (Set up by harware; Mode cannot be changed.)
MA9 = 0 & MII_Mode = 0 (Select external SRL interface; Mode can be changed by software.)
The Sharing Pin Table
(o): output, (i): input, (b): bi-direction
Normal Operation
External MII/SRL Interface
Boot ROM Mux mode
Boot ROM Dir mode
External MII interface
External SRL interface
MA6 = 0
MA6 = 1
MA8 = 0
MA8 = 1
Pin
62
BPAD0
MD0/DI
MII_TXD3 (o)
BPAD0
63
BPAD1
MD1
MII_TXD2 (o)
BPAD1
64
BPAD2
MD2
MII_TXD1 (o)
BPAD2
65
BPAD3
MD3
MII_RXER (i)
BPAD3
66
BPAD4
MD4
MII_RXDV (i)
BPAD4
67
BPAD5
MD5
MII_RXD1 (i)
BPAD5
68
BPAD6
MD6
MII_RXD2 (i)
BPAD6
69
BPAD7
MD7
MII_MDIO (b)
BPAD7
72
BPCS#
ROMCS
MII_MDC (o)
BPCS#
73
BPA0
MA0
NC
BPA0
74
BPA1
MA1
MII_RXD (i)
BPA1
77
EEDI
MA2
EEDI (i)
EEDI (i)
78
EEDO
MA3/DO
EEDO (o)
EEDO (o)
79
EECK
MA4/CK
EECK (o)
EECK (o)
80
EECS
MA5
EECS (o)
EECS (o)
81
MA6
MII_COL (i)
SRL_COL (i)
83
MA7
MII_TXCLK (i)
SRL_TXC (i)
84
MA8
MII_TXEN (o)
SRL_TXE (o)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com