Electronic Components Datasheet Search
  English  ▼

X  

CS89712-CB Datasheet(PDF) 149 Page - Cirrus Logic

Part # CS89712-CB
Description  HIGH-PERFORMANCE, LOW-POWER SYSTEM-ON-CHIP WITH 10BASE-T ETHERNET CONTROLLER
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS89712-CB Datasheet(HTML) 149 Page - Cirrus Logic

Back Button CS89712-CB Datasheet HTML 145Page - Cirrus Logic CS89712-CB Datasheet HTML 146Page - Cirrus Logic CS89712-CB Datasheet HTML 147Page - Cirrus Logic CS89712-CB Datasheet HTML 148Page - Cirrus Logic CS89712-CB Datasheet HTML 149Page - Cirrus Logic CS89712-CB Datasheet HTML 150Page - Cirrus Logic CS89712-CB Datasheet HTML 151Page - Cirrus Logic CS89712-CB Datasheet HTML 152Page - Cirrus Logic CS89712-CB Datasheet HTML 153Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 170 page
background image
CS89712
DS502PP2
149
DC CHARACTERISTICS (
Notes: 4. Power dissipation values can be derived by multiplying the IDD current by 2.5 V Core/OSC or 3.3V I/O.
5. The RTC of the CS89712 should be brought up at room temperature. The RTC OSC will NOT function
properly if it is brought up at –40
°C. Once operational, it will continue to operate down to –40°C.
6. A typical design will provide 3.3 V to the I/O supply (i.e., VDDIO), and 2.5 V to the remaining logic. This
is to allow the I/O to be compatible with 3.3 V powered external logic (i.e., 3.3 V SDRAMs).
7. Pull-up current = 50 µA typical at VDD = 3.3 volts.
Parameter
Symbol
Min
Typ
Max
Unit
Conditions
Operating current consumption (74 MHz)
Core/Osc/RTC @2.5 V, I/O @ 3.3 V
Ethernet active
IDDoperat-
ing
90
TBD
mA
All system active,
running typical pro-
gram, cache dis-
abled, LCD inactive
Operating power consumption (74 MHz)
270
TBD
mW
see above
Ethernet XTAL1 Input Low Voltage
VIXH
-0.2
-
V
Ethernet XTAL1 Input High Voltage
VIXH
-1.5
-
V
XTAL1 Input Low Current
IIXL
--40
-
µA
XTAL1 Input High Current
IIXH
-40
-
µA
Ethernet Port Power Supply Current while
Active 3.3V
IDD
-65
-
mA
Ethernet Port Software Suspend Mode Cur-
rent
IDDSWSUS
-1.0
-
mA
10 BaseT Transmitter Differential Output
Voltage (Peak)
VOD
2.2
-
2.8
Secondary side of
Transformer
Receiver Normal Squelch Level (Peak)
VISQ
300
-
525
Primary side of
Transformer
Receiver Low Squelch Level (LoRxSquelch
bit set)
VSQL
125
-
290
Primary side of
Transformer
Standby supply voltage
VDDstandby TBD
V
Minimum standby
voltage for state
retention and RTC
operation only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com