Electronic Components Datasheet Search
  English  ▼

X  

CS89712-CB Datasheet(PDF) 151 Page - Cirrus Logic

Part # CS89712-CB
Description  HIGH-PERFORMANCE, LOW-POWER SYSTEM-ON-CHIP WITH 10BASE-T ETHERNET CONTROLLER
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS89712-CB Datasheet(HTML) 151 Page - Cirrus Logic

Back Button CS89712-CB Datasheet HTML 147Page - Cirrus Logic CS89712-CB Datasheet HTML 148Page - Cirrus Logic CS89712-CB Datasheet HTML 149Page - Cirrus Logic CS89712-CB Datasheet HTML 150Page - Cirrus Logic CS89712-CB Datasheet HTML 151Page - Cirrus Logic CS89712-CB Datasheet HTML 152Page - Cirrus Logic CS89712-CB Datasheet HTML 153Page - Cirrus Logic CS89712-CB Datasheet HTML 154Page - Cirrus Logic CS89712-CB Datasheet HTML 155Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 170 page
background image
CS89712
DS502PP2
151
TIMING CHARACTERISTICS
Note:
All SDRAM 36 MHz timings are for SDRAM operation.
The values for 36 MHz assume 1 wait state, the 18 MHz values have 0 wait states.
Characteristics
Symbol
18 MHz
36 MHz
Units
Min
Max
Min
Max
Negative strobe (nCS[0:5]) zero
wait state read access time
tnCSRD
TBD
TBD
TBD
Negative strobe (nCS[0:5]) zero
wait state write access time
tnCSWR
TBD
TBD
TBD
Sequential expansion burst mode
read access time
tEXBST
TBD
TBD
TBD
SDRAM cycle time
tRC
TBD
-
TBD
TBD
Access time from RAS
tRAC
TBD
-
TBD
TBD
RAS precharge time
tRP
TBD
-
TBD
TBD
CAS pulse width
tCAS
TBD
-
TBD
TBD
CAS precharge in page mode
tCP
TBD
-
TBD
TBD
Page mode cycle time
tPC
TBD
-
TBD
TBD
CAS set-up time for auto refresh
tCSR
TBD
-
TBD
TBD
RAS pulse width
tRAS
TBD
-
TBD
TBD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com