Electronic Components Datasheet Search
  English  ▼

X  

CS89712-CB Datasheet(PDF) 153 Page - Cirrus Logic

Part # CS89712-CB
Description  HIGH-PERFORMANCE, LOW-POWER SYSTEM-ON-CHIP WITH 10BASE-T ETHERNET CONTROLLER
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS89712-CB Datasheet(HTML) 153 Page - Cirrus Logic

Back Button CS89712-CB Datasheet HTML 149Page - Cirrus Logic CS89712-CB Datasheet HTML 150Page - Cirrus Logic CS89712-CB Datasheet HTML 151Page - Cirrus Logic CS89712-CB Datasheet HTML 152Page - Cirrus Logic CS89712-CB Datasheet HTML 153Page - Cirrus Logic CS89712-CB Datasheet HTML 154Page - Cirrus Logic CS89712-CB Datasheet HTML 155Page - Cirrus Logic CS89712-CB Datasheet HTML 156Page - Cirrus Logic CS89712-CB Datasheet HTML 157Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 170 page
background image
CS89712
DS502PP2
153
Figure 25. Sequential Page Mode Read Cycles with Minimum Wait States
Notes:
1.tEXBST = 35 ns at 36.864 MHz
35 ns at 18.432 MHz
(Value for 36.864 MHz assumes 1 wait state.)
Maximum values for minimum wait states. This time can be extended by integer multiples of the
clock period (27 nsec at 36 MHz or 54 nsec at 18.432 MHz), by either driving EXPRDY low and/or
by programming a number of wait states. EXPRDY is sampled on the falling edge of EXPCLK before
the data transfer. If low at this point, the transfer is delayed by one clock period where EXPRDY is
sampled again. EXPCLK need not be referenced when driving EXPRDY, but is shown for clarity.
2. Consecutive reads with sequential access enabled are identical except that the sequential access
wait state field is used to determine the number of wait states, and no idle cycles are inserted
between successive non-sequential ROM/expansion cycles. This improves performance so the
SQAEN bit should always be set where possible.
tEXBST
tEXBST
t3
tEXRD
t4
t3
t4
t3
t4
t5
t6
t1
Data in
Bus held
Data in
Data in
04
8
EXPCLK
nCS[5:0]
nMOE
A[27:4]
A[3:0]
WORD
D[31:0]
EXPRDY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com