Electronic Components Datasheet Search
  English  ▼

X  

CS89712-CB Datasheet(PDF) 150 Page - Cirrus Logic

Part # CS89712-CB
Description  HIGH-PERFORMANCE, LOW-POWER SYSTEM-ON-CHIP WITH 10BASE-T ETHERNET CONTROLLER
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS89712-CB Datasheet(HTML) 150 Page - Cirrus Logic

Back Button CS89712-CB Datasheet HTML 146Page - Cirrus Logic CS89712-CB Datasheet HTML 147Page - Cirrus Logic CS89712-CB Datasheet HTML 148Page - Cirrus Logic CS89712-CB Datasheet HTML 149Page - Cirrus Logic CS89712-CB Datasheet HTML 150Page - Cirrus Logic CS89712-CB Datasheet HTML 151Page - Cirrus Logic CS89712-CB Datasheet HTML 152Page - Cirrus Logic CS89712-CB Datasheet HTML 153Page - Cirrus Logic CS89712-CB Datasheet HTML 154Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 170 page
background image
CS89712
150
DS502PP2
6.3 AC Characteristics
These are specified at VDD = 3.3 volts and VSS = 0 volts over an operating temperature of 0°C to +70°C. The timing
values are referenced to 1/2 VDD.
Note:
All SDRAM 36 MHz timings are for SDRAM operation.
The values for 36 MHz include 1 wait state, the 18 MHz values have 0 wait states.
Parameter
Symbol
18/36 MHz
Units
Min
Max
Falling CS to data bus Hi-Z
t1
0
25
ns
Address change to valid write data
t2
0
35
ns
DATA in to falling EXPCLK setup time
t3
18
—ns
DATA in to falling EXPCLK hold time
t4
0
—
ns
EXPRDY to falling EXPCLK setup time
t5
18
—
ns
Falling EXPCLK to EXPRDY hold time
t6
0
50
ns
Rising nMWE to data invalid hold time
t7
5
—
ns
Sequential data valid to falling nMWE setup time
t8
–10
10
ns
Row address to falling nRAS setup time
t9
5
-
ns
Falling nRAS to row address hold time
t10
25
-
ns
Column address to falling nCAS setup time
t11
2
-
ns
Falling nCAS to column address hold time
t12
25
-
ns
Write data valid to falling nCAS setup time
t13
2
-
ns
Write data valid from falling nCAS hold time
t14
50
-
ns
LCD CL2 low time
t15
80
3,475
ns
LCD CL2 high time
t16
80
3,475
ns
LCD falling CL[2] to rising CL[1] delay
t17
0
25
ns
LCD falling CL[1] to rising CL[2]
t18
80
3,475
ns
LCD CL[1] high time
t19
80
3,475
ns
LCD falling CL[1] to falling CL[2]
t20
200
6,950
ns
LCD falling CL[1] to FRM toggle
t21
300
10,425
ns
LCD falling CL[1] to M toggle
t22
–10
20
ns
LCD rising CL[2] to display data change
t23
–10
20
ns
Falling EXPCLK to address valid
t24
—
5
ns
Data valid to falling nMWE for non sequential access only
t25
5
—
ns
SSICLK period (slave mode)
t31
0
512
kHz
SSICLK high
t32
925
1025
ns
SSICLK low
t33
925
1025
ns
SSICLK rise / fall time
t34
7
ns
SSICLK rising to RX and / or TX frame sync
t35
528
ns
SSICLK rising edge to frame sync low
t36
448
ns
SSICLK rising edge to TX data valid
t37
80
ns
SSIRXDA data set-up time
t38
30
ns
SSIRXDA data hold time
t39
40
ns
SSITXFR and / or SSIRXFR period
t40
750
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com