Electronic Components Datasheet Search
  English  ▼

X  

ADP1050 Datasheet(PDF) 37 Page - Analog Devices

Part # ADP1050
Description  Versatile digital voltage mode controller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1050 Datasheet(HTML) 37 Page - Analog Devices

Back Button ADP1050 Datasheet HTML 33Page - Analog Devices ADP1050 Datasheet HTML 34Page - Analog Devices ADP1050 Datasheet HTML 35Page - Analog Devices ADP1050 Datasheet HTML 36Page - Analog Devices ADP1050 Datasheet HTML 37Page - Analog Devices ADP1050 Datasheet HTML 38Page - Analog Devices ADP1050 Datasheet HTML 39Page - Analog Devices ADP1050 Datasheet HTML 40Page - Analog Devices ADP1050 Datasheet HTML 41Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 93 page
background image
ADP1050
Data Sheet
RTD AND OTP TRIM
The RTD requires two trims, one for the ADC and one for the
current source. To use the internal linearization scheme, addi-
tional trimming procedures are required.
Trimming the Current Source
Register 0xFE2D[7:6] sets the value of the RTD current source to
10 µA, 20 µA, 30 µA, or 40 µA. Register 0xFE2D[5:0] can be
used to fine-tune the current value. By fine-tuning the internal
current source, component tolerance can be compensated and
errors can be minimized. One LSB in Bits[5:0] = 160 nA.
A decimal value of 1 adds 160 nA to the current source set by
Register 0xFE2D[5:0]; a decimal value of 63 adds 63 × 160 nA =
10.08 µA to the current source set by Register 0xFE2D[7:6].
Use Register 0xFE2D[7:6] to program a value for the current
source, selecting the nearest possible option (10 µA, 20 µA, 30 µA,
or 40 µA). Then use Register 0xFE2D[5:0] to achieve the finer
step size.
For example, to use a value of 46 µA as the current source,
complete the following steps:
1. Place a known resistor (Rx) from the RTD pin to AGND.
2. Set Register 0xFE2D[7:6] to 11 binary (40 µA).
3. Increase the value of Register 0xFE2D[5:0], 1 LSB at a time,
until the voltage at the RTD pin is VRTD = 46 µA × Rx.
The current source is now calibrated and set to the factory
default value.
Trimming the ADC
The first option for trimming the ADC uses the internal
linearization scheme with 46 µA RTD current, which provides
an accurate reading, expressed in degrees Celsius, read in the
READ_TEMPERATURE command (Register 0x8D) in decimal
format.
Use an R25 = 100 kΩ, 1% accuracy NTC thermistor with beta =
4250, 1% accuracy (such as the NCP15WF104F03RC) in parallel
with an external resistor of 16.5 kΩ, 1% accuracy, with the
ADP1050. With this NTC thermistor and resistor combination,
the ADP1050 default current source trim is set to 46 µA to
achieve the best possible accuracy over temperatures ranging from
85°C to 125°C.
If an external microcontroller is used, the RTD ADC value
in Register 0xFEAB can be fed into the microcontroller, and
a different linearization scheme can be implemented in terms
of a best-fit polynomial for the selected NTC characteristics.
Rev. A | Page 36 of 92



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com