Electronic Components Datasheet Search
  English  ▼

X  

ADP1050 Datasheet(PDF) 23 Page - Analog Devices

Part # ADP1050
Description  Versatile digital voltage mode controller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1050 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADP1050 Datasheet HTML 19Page - Analog Devices ADP1050 Datasheet HTML 20Page - Analog Devices ADP1050 Datasheet HTML 21Page - Analog Devices ADP1050 Datasheet HTML 22Page - Analog Devices ADP1050 Datasheet HTML 23Page - Analog Devices ADP1050 Datasheet HTML 24Page - Analog Devices ADP1050 Datasheet HTML 25Page - Analog Devices ADP1050 Datasheet HTML 26Page - Analog Devices ADP1050 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 93 page
background image
ADP1050
Data Sheet
Rev. A | Page 22 of 92
Power-Good Signals
The ADP1050 has an open-drain, power-good pin, PG (PG/ALT,
Pin 14). When the pin is logic high, the power is good. The
ADP1050 also has a power-good flag, PGOOD, which is a
negation of power good. When this flag is set, it indicates that the
power is not good. The PG/ALT pin and the PGOOD flag can be
programmed to respond to the flags from the following list:
VIN_UV_FAULT
IIN_OC_FAST_FAULT
VOUT_OV_FAULT
VOUT_UV_FAULT
OT_FAULT
OT_WARNING
Register 0xFE0D is used to program the masking of these flags,
which prevents them from setting the PGOOD flag and driving
the PG/ALT pin low. Register 0xFE0E[1:0] is used to set the
debounce time to drive the PG/ALT pin low and set the PGOOD
flag (see Figure 26).
The POWER_GOOD_ON command (Register 0x5E) sets the
voltage limit that the output voltage must exceed before the
POWER_GOOD flag (Register 0x79[11]) can be cleared. Simi-
larly, the output voltage must fall below the POWER_GOOD_
OFF limit (Register 0x5F) for the POWER_GOOD flag to be set.
The PG/ALT pin is always driven low and the PGOOD flag is
always set when one of the POWER_OFF, SOFT_START_FILTER,
CRC_FAULT, or POWER_GOOD flags is set.
The debounce timings for setting and clearing the PGOOD
flag can be programmed to 0 ms, 200 ms, 320 ms, or 600 ms in
Register 0xFE0E[3:0].
VOLT-SECOND BALANCE CONTROL
The ADP1050 has a dedicated circuit to maintain volt-second
balance in the main transformer when operating in full bridge
topology. This circuit eliminates the need for a dc blocking
capacitor. In interleaved topologies, volt-second balance can also
be used for current balancing to ensure that each interleaved
phase contributes equal power.
The circuit monitors the current flowing in both legs of the full
bridge topology and stores this information. It compensates the
selected PWM signals to ensure equal current flow in the two legs
of the full bridge topology. The CS1 pin is used as the input for this
function.
Several switching cycles are required for the circuit to operate
effectively. The maximum amount of modulation applied to each
edge of the selected PWM outputs is programmable to ±80 ns
or ±160 ns, using Register 0xFE54[2]. The balance control gains
are programmable via Register 0xFE54[1:0].
The compensation of the PWM drive signals is performed on
the edges of two selected outputs, using Register 0xFE55 and
Register 0xFE57. The direction of the modulation is also
programmable in these registers.
The volt-second balance control can be disabled during soft start
using Register 0xFE0C[1].
There are also leading edge blanking functions at the sensed CS1
signal for more accurate control results. The blanking time follows
the CS1 cycle-by-cycle current-limit blanking time (see the CS1
Current Sense section).
To avoid the wrong compensation in light load condition, there
is a CS1 threshold in Register 0xFE38 to enable volt-second
balance. Below this threshold, volt-second balance is not
enabled.
DEBOUNCE
DEBOUNCE
DEBOUNCE
DEBOUNCE
DEBOUNCE
VIN_UV_FAULT
IIN_OC_FAST_FAULT
DEBOUNCE
REG 0xFE0D
REG 0xFE0F
REG 0xFE0E[3:0]
DEBOUNCE
PGOOD FLAG
REG 0xFEA0[6]
PG/ALT PIN
VOUT_OV_FAULT
VOUT_UV_FAULT
OT_FAULT
OT_WARNING
POWER_OFF
SOFT_START_FILTER
CRC_FAULT
POWER_GOOD
Figure 26. PGOOD Programming



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com