Electronic Components Datasheet Search
  English  ▼

X  

ADP1050 Datasheet(PDF) 85 Page - Analog Devices

Part # ADP1050
Description  Versatile digital voltage mode controller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1050 Datasheet(HTML) 85 Page - Analog Devices

Back Button ADP1050 Datasheet HTML 81Page - Analog Devices ADP1050 Datasheet HTML 82Page - Analog Devices ADP1050 Datasheet HTML 83Page - Analog Devices ADP1050 Datasheet HTML 84Page - Analog Devices ADP1050 Datasheet HTML 85Page - Analog Devices ADP1050 Datasheet HTML 86Page - Analog Devices ADP1050 Datasheet HTML 87Page - Analog Devices ADP1050 Datasheet HTML 88Page - Analog Devices ADP1050 Datasheet HTML 89Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 93 page
background image
ADP1050
Data Sheet
Table 142. Register 0xFE50—OUTA and OUTB Modulation Settings
Bits
Bit Name/Function
R/W
Description
7
OUTB tR2 modulation enable
R/W
0 = no PWM modulation of the tR2 edge.
1 = PWM modulation acts on the tR2 edge.
6
OUTB tR2 modulation sign
R/W
0 = positive sign. Increase of PWM modulation moves tR2 to the right.
1 = negative sign. Increase of PWM modulation moves tR2 to the left.
5
OUTB tF2 modulation enable
R/W
0 = no PWM modulation of the tF2 edge.
1 = PWM modulation acts on the tF2 edge.
4
OUTB tF2 modulation sign
R/W
0 = positive sign. Increase of PWM modulation moves tF2 to the right.
1 = negative sign. Increase of PWM modulation moves tF2 to the left.
3
OUTA tR1 modulation enable
R/W
0 = no PWM modulation of the tR1 edge.
1 = PWM modulation acts on the tR1 edge.
2
OUTA tR1 modulation sign
R/W
0 = positive sign. Increase of PWM modulation moves tR1 to the right.
1 = negative sign. Increase of PWM modulation moves tR1 to the left.
1
OUTA tF1 modulation enable
R/W
0 = no PWM modulation of the tF1 edge.
1 = PWM modulation acts on the tF1 edge.
0
OUTA tF1 modulation sign
R/W
0 = positive sign. Increase of PWM modulation moves tF1 to the right.
1 = negative sign. Increase of PWM modulation moves tF1 to the left.
Table 143. Register 0xFE52—SR1 and SR2 Modulation Settings
Bits
Bit Name/Function
R/W
Description
7
SR2 tR6 modulation enable
R/W
0 = no PWM modulation of the tR6 edge.
1 = PWM modulation acts on the tR6 edge.
6
SR2 tR6 modulation sign
R/W
0 = positive sign. Increase of PWM modulation moves tR6 to the right.
1 = negative sign. Increase of PWM modulation moves tR6 to the left.
5
SR2 tF6 modulation enable
R/W
0 = no PWM modulation of the tF6 edge.
1 = PWM modulation acts on the tF6 edge.
4
SR2 tF6 modulation sign
R/W
0 = positive sign. Increase of PWM modulation moves tF6 to the right.
1 = negative sign. Increase of PWM modulation moves tF6 to the left.
3
SR1 tR5 modulation enable
R/W
0 = no PWM modulation of the tR5 edge.
1 = PWM modulation acts on the tR5 edge.
2
SR1 tR5 modulation sign
R/W
0 = positive sign. Increase of PWM modulation moves tR5 to the right.
1 = negative sign. Increase of PWM modulation moves tR5 to the left.
1
SR1 tF5 modulation enable
R/W
0 = no PWM modulation of the tF5 edge.
1 = PWM modulation acts on the tF5 edge.
0
SR1 tF5 modulation sign
R/W
0 = positive sign. Increase of PWM modulation moves tF5 to the right.
1 = negative sign. Increase of PWM modulation moves tF5 to the left.
Table 144. Register 0xFE53—PWM Output Disable
Bits
Bit Name/Function
R/W
Description
[7:6]
Reserved
R/W
Reserved.
5
SR2 disable
R/W
Setting this bit disables the SR2 output.
4
SR1 disable
R/W
Setting this bit disables the SR1 output.
[3:2]
Reserved
R/W
Reserved.
1
OUTB disable
R/W
Setting this bit disables the OUTB output.
0
OUTA disable
R/W
Setting this bit disables the OUTA output.
Rev. A | Page 84 of 92



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com