Electronic Components Datasheet Search
  English  ▼

X  

ADP1050 Datasheet(PDF) 72 Page - Analog Devices

Part # ADP1050
Description  Versatile digital voltage mode controller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1050 Datasheet(HTML) 72 Page - Analog Devices

Back Button ADP1050 Datasheet HTML 68Page - Analog Devices ADP1050 Datasheet HTML 69Page - Analog Devices ADP1050 Datasheet HTML 70Page - Analog Devices ADP1050 Datasheet HTML 71Page - Analog Devices ADP1050 Datasheet HTML 72Page - Analog Devices ADP1050 Datasheet HTML 73Page - Analog Devices ADP1050 Datasheet HTML 74Page - Analog Devices ADP1050 Datasheet HTML 75Page - Analog Devices ADP1050 Datasheet HTML 76Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 93 page
background image
Data Sheet
ADP1050
Table 98. Register 0xFE03—Flag Response, FLAGIN_RESPONSE
Bits
Bit Name/Function
R/W
Description
[7:4]
Reserved
R/W
Reserved.
[3:2]
Fault response
R/W
These bits specify the action when the flag is set.
Bit 3
Bit 2
Fault Response
0
0
Continues operation without interruption.
0
1
Disable SR1 and SR2.
1
0
Disable all PWM outputs.
1
1
Reserved.
[1:0]
Action after the fault
flag is cleared
R/W
These bits specify the action when the flag is cleared.
Bit 1
Bit 0
Action After Fault Flag Clears
0
0
After the flag reenable delay time, the PWM outputs are reenabled with a soft start.
0
1
The PWM outputs are reenabled immediately without a soft start.
1
0
A PSON signal, programmed in Register 0x01, Register 0x02, and/or the CTRL pin, is
needed to reenable the PWM outputs.
1
1
Reserved.
Table 99. Register 0xFE05—Flag Reenable Delay, VDD_OV_RESPONSE
Bits
Bit Name/Function
R/W
Description
[7:6]
Flag reenable delay
R/W
These bits specify the global delay from the time when a manufacturer specific flag is cleared to the
soft start.
Bit 7
Bit 6
Typical Delay Time
0
0
250 ms
0
1
500 ms
1
0
1 sec
1
1
2 sec
5
VDD_OV flag ignore
R/W
This bit enables or disables the VDD_OV flag.
0 = VDD_OV flag is set when there is a VDD overvoltage condition. When there is a VDD overvoltage
condition, the flag is set and the ADP1050 shuts down. When the VDD overvoltage condition ends,
the flag is cleared and the device downloads the EEPROM contents before restarting with a soft
start process.
1 = VDD_OV flag is always cleared. When there is a VDD overvoltage condition, the flag is always
cleared and the device continues to operate without interruption.
4
VDD_OV flag
debounce
R/W
This bit sets the debounce time for the VDD_OV flag.
0 = 500 μs debounce time.
1 = 2 μs debounce time.
[3:0]
Reserved
R/W
Reserved.
Rev. A | Page 71 of 92



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com