Electronic Components Datasheet Search
  English  ▼

X  

ADP1050 Datasheet(PDF) 16 Page - Analog Devices

Part # ADP1050
Description  Versatile digital voltage mode controller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1050 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADP1050 Datasheet HTML 12Page - Analog Devices ADP1050 Datasheet HTML 13Page - Analog Devices ADP1050 Datasheet HTML 14Page - Analog Devices ADP1050 Datasheet HTML 15Page - Analog Devices ADP1050 Datasheet HTML 16Page - Analog Devices ADP1050 Datasheet HTML 17Page - Analog Devices ADP1050 Datasheet HTML 18Page - Analog Devices ADP1050 Datasheet HTML 19Page - Analog Devices ADP1050 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 93 page
background image
Data Sheet
ADP1050
The ADP1050 synchronizes to the external clock frequency as
follows:
1. After the synchronization function is enabled by Register
0xFE12[3] and Register 0xFE12[0], the ADP1050 starts to
detect the period of the external clock signal applied at the
SYNI/FLGI pin.
2. If all periods of the most recent 64 consecutive cycles of the
external clocks fall within 90% to 110% of the internal switching
clock period, the ADP1050 uses the latest current cycle as the
synchronization reference, and the period of the external clock
is identified. This interval is t2 or t4, as shown in Figure 15.
Otherwise, the ADP1050 discards this cycle and looks for the
next cycle (frequency capture mode).
3. After the external clock period is determined, the ADP1050
detects the phase shift between the external clock (plus the delay
time set by Register 0xFE11) and the internal PWM signal. If
the phase shift is within the phase capture range, the internal
and external clocks are synchronized (phase capture mode).
4. The PWM clock is synchronized with the external clock. Cycle-
by-cycle synchronization starts.
5. If the external clock signal is lost at any time, or if the period
exceeds the minimum limit (89% of the internal programmed
frequency) or the maximum limit (114% of the internal
programmed frequency), the ADP1050 takes the last valid
external clock signal as the synchronization reference source.
At the same time, the phase shift between the synchronization
reference and the internal clock is detected. When the phase
shift falls within the phase capture range, the PWM clock
returns to the internal clock set by the internal oscillator.
This interval is t1 or t3, as shown in Figure 15.
This is the first synchronization unlock condition, called
Synchronization Unlocked Mode 1, in which the switching
frequency is out of range (range is 89% to approximately 114%
of the internal programmed frequency).
6. If the period of the external SYNI signal changes significantly
(for example, if the period difference between contiguous cycles
exceeds 280 ns), the ADP1050 takes the last valid external
clock signal as the synchronization reference source. At the
same time, the phase shift between the synchronization
reference and the internal clock is detected. When the phase
shift falls within the phase capture range, the PWM clock
returns to the internal clock set by the internal oscillator.
This is the second synchronization unlock condition, called
Synchronization Unlocked Mode 2, in which the phase shift
exceeds 280 ns.
Figure 15 shows the synchronization operation diagram. The
internal frequency, fSW_INT, is the internal free-running frequency
of the ADP1050. Before the synchronization is locked, the
ADP1050 runs at fSW_INT. The external frequency, fSW_EXT, is the
frequency of the external clock to which the ADP1050 must
synchronize. After synchronization is locked, the ADP1050 runs
at fSW_EXT.
The ADP1050 does not allow the switching frequency to cross the
boundaries of 97.5 kHz, 195.5 kHz, or 390.5 kHz on-the-fly.
Ensure that the external clock does not cross these boundaries.
Otherwise, the internal switching frequency cannot be set within
±10% of these boundaries.
UNIT
OFF
UNIT
ON
UNIT
ON
TIME
EXTERNAL CLOCK FREQUENCY (fSW_EXT)
OPERATING SWITCHING FREQUENCY
INTERNAL CLOCK FREQUENCY (fSW_INT)
t1
t2
t4
t3
fSW
110% fSW_INT
114% fSW_INT
fSW_INT
90% fSW_INT
89% fSW_INT
Figure 15. Synchronization Operation
Rev. A | Page 15 of 92



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com