Electronic Components Datasheet Search
  English  ▼

X  

ADP1050 Datasheet(PDF) 6 Page - Analog Devices

Part # ADP1050
Description  Versatile digital voltage mode controller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1050 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADP1050 Datasheet HTML 2Page - Analog Devices ADP1050 Datasheet HTML 3Page - Analog Devices ADP1050 Datasheet HTML 4Page - Analog Devices ADP1050 Datasheet HTML 5Page - Analog Devices ADP1050 Datasheet HTML 6Page - Analog Devices ADP1050 Datasheet HTML 7Page - Analog Devices ADP1050 Datasheet HTML 8Page - Analog Devices ADP1050 Datasheet HTML 9Page - Analog Devices ADP1050 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 93 page
background image
Data Sheet
ADP1050
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
OVP PIN
Triggers VOUT_OV_FAULT flag
Leakage Current
1.0
µA
OVP Comparator
Voltage Range
0.75
1.5
V
Differential voltage from OVP to VS−
Threshold Accuracy
−1.6
+1
+1.6
%
0.75 V to 1.5 V voltage range
Propagation Delay (Latency)
61
85
ns
Debounce time not included
VF VOLTAGE SENSE PIN
Input Voltage Range
VIN
0
1
1.6
V
Voltage from VF to AGND
Leakage Current
1.0
µA
General ADC
Valid Input Voltage Range
0
1.6
V
ADC Clock Frequency
1.56
MHz
Register Update Rate
1.31
ms
Measurement Resolution
11
Bits
Measurement Accuracy
−2
+2
% FSR
10% to 90% of input voltage range
−32
+32
mV
−5
+5
% FSR
0% to 100% of input voltage range
−80
+80
mV
VF UVP Digital Comparator
Triggers VIN_LOW or VIN_UV_FAULT flag
Threshold Accuracy
Based on VF general ADC parameter
values
Comparator Update Speed
1.31
ms
Feedforward ADC
Input Voltage Range
VIN
0.5
1
1.6
V
Resolution
11
Bits
Sampling Period
10
μs
CS1 CURRENT SENSE PIN
Input Voltage Range
VIN
0
1
1.6
V
Voltage from CS1 to AGND
Source Current
−1.2
−0.35
µA
CS1 ADC
Valid Input Voltage Range
0
1.6
V
ADC Clock Frequency
1.56
MHz
Register Update Rate
10
ms
Measurement Resolution
12
Bits
Measurement Accuracy
−2
+2
% FSR
10% to 90% of input voltage range
−32
+32
mV
−5
+5
% FSR
0% to 100% of input voltage range
−80
+80
mV
CS1 OCP Comparator
Triggers internal CS1_OCP flag
Reference Accuracy
1.185
1.2
1.215
V
When set to 1.2 V
0.235
0.25
0.265
V
When set to 0.25 V
Propagation Delay (Latency)
65
105
ns
Debounce/blanking time not included
CS31 Measurement and Digital Comparator
Triggers CS3_OC_FAULT flag
Register Update Rate
10
ms
Comparator Speed
10
ms
Rev. A | Page 5 of 92



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com