Electronic Components Datasheet Search
  English  ▼

X  

ADP1050 Datasheet(PDF) 79 Page - Analog Devices

Part # ADP1050
Description  Versatile digital voltage mode controller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1050 Datasheet(HTML) 79 Page - Analog Devices

Back Button ADP1050 Datasheet HTML 75Page - Analog Devices ADP1050 Datasheet HTML 76Page - Analog Devices ADP1050 Datasheet HTML 77Page - Analog Devices ADP1050 Datasheet HTML 78Page - Analog Devices ADP1050 Datasheet HTML 79Page - Analog Devices ADP1050 Datasheet HTML 80Page - Analog Devices ADP1050 Datasheet HTML 81Page - Analog Devices ADP1050 Datasheet HTML 82Page - Analog Devices ADP1050 Datasheet HTML 83Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 93 page
background image
ADP1050
Data Sheet
Table 118. Register 0xFE1F—CS1 Cycle-by-Cycle Current-Limit Settings
Bits
Bit Name/Function
R/W
Description
7
CS1 cycle-by-cycle current-
limit comparator ignored
R/W
Setting this bit causes the CS1 OCP comparator output to be ignored. The CS1_OCP internal
flag is always cleared.
[6:4]
Leading edge blanking
R/W
These bits determine the leading edge blanking time. During this time, the CS1 OCP comparator
output is ignored. This time is measured from the rising edges of OUTA and OUTB
(programmable in Register 0xFE1D[1:0]).
Bit 6
Bit 5
Bit 4
Leading Edge Blanking Time (ns)
0
0
0
0
0
0
1
40
0
1
0
80
0
1
1
120
1
0
0
200
1
0
1
400
1
1
0
600
1
1
1
800
[3:2]
Reserved
R/W
Reserved.
[1:0]
CS1 cycle-by-cycle
current-limit
debounce time
R/W
These bits set the CS1 cycle-by-cycle current-limit debounce time. This is the minimum time
that the CS1 signal must be constantly above the CS1 cycle-by-cycle current-limit reference
before the PWM outputs are shut down. When this happens, the selected PWM outputs can
be disabled for the remainder of the switching cycle.
Bit 1
Bit 0
Debounce Time (ns)
0
0
0
0
1
40
1
0
80
1
1
120
VOLTAGE SENSE AND LIMIT SETTING REGISTERS
Table 119. Register 0xFE20—VS Gain Trim
Bits
Bit Name/Function
R/W
Description
7
Trim polarity
R/W
0 = positive gain is introduced.
1 = negative gain is introduced.
[6:0]
VS gain trim
R/W
These bits set the amount of gain trim that is applied to the VS ADC reading. This register trims the
voltage reading in the READ_VOUT command after the VOUT_CAL_OFFSET trimming is completed.
This register is trimmed until the READ_VOUT reading in the register exactly matches the output
voltage measurement result.
Table 120. Register 0xFE25—Prebias Start-Up Enable
Bits
Bit Name/Function
R/W
Description
7
Prebias startup
enable
R/W
Setting this bit enables the prebias start-up function. If it is enabled, the soft start ramp starts from the
current output voltage. The initial PWM modulation value is generated based on the following: the
Register 0xFE39 setting, the sensed VOUT value, and the sensed VIN value. To introduce the VIN value for
initial modulation calculation, set Register 0xFE6C[1] = 1, unless closed-loop input voltage
feedforward operation mode is in use.
[6:0]
Reserved
R/W
Reserved.
Table 121. Register 0xFE26—VOUT_OV_FAULT Flag Debounce
Bits
Bit Name/Function
R/W
Description
[7:6]
VOUT_OV_FAULT
flag debounce
R/W
These bits set the VOUT_OV_FAULT flag debounce time.
Bit 7
Bit 6
Typical Debounce Time (μs) (Delay Time 1)
0
0
0
0
1
1
1
0
2
1
1
8
[5:0]
Reserved
R/W
Reserved
Rev. A | Page 78 of 92



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com