Electronic Components Datasheet Search
  English  ▼

X  

ADP1050 Datasheet(PDF) 18 Page - Analog Devices

Part # ADP1050
Description  Versatile digital voltage mode controller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1050 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADP1050 Datasheet HTML 14Page - Analog Devices ADP1050 Datasheet HTML 15Page - Analog Devices ADP1050 Datasheet HTML 16Page - Analog Devices ADP1050 Datasheet HTML 17Page - Analog Devices ADP1050 Datasheet HTML 18Page - Analog Devices ADP1050 Datasheet HTML 19Page - Analog Devices ADP1050 Datasheet HTML 20Page - Analog Devices ADP1050 Datasheet HTML 21Page - Analog Devices ADP1050 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 93 page
background image
Data Sheet
ADP1050
Voltage Sense ADCs
Two kinds of Σ-Δ ADCs are used in the ADP1050 feedback loop,
as follows:
•
Low frequency (LF) ADC, running at 1.56 MHz
•
High frequency (HF) ADC, running at 25 MHz
The Σ-Δ ADCs have a resolution of one bit and operate differently
from traditional flash ADCs. The equivalent resolution that is
obtained depends on how long the output bit stream of the Σ-Δ
ADC is filtered.
The Σ-Δ ADCs also differ from Nyquist rate ADCs in that the
quantization noise is not uniform across the frequency spectrum.
At lower frequencies, the noise decreases. At higher frequencies,
the noise increases (see Figure 19).
FREQUENCY
NYQUIST ADC
NOISE
Σ-Δ ADC
NOISE
Figure 19. ADC Noise Performance
The low frequency ADC runs at approximately 1.56 MHz. For
a specified bandwidth, the equivalent resolution is calculated as
ln(1.56 MHz/BW)/ln(2) = N bits
For example, at a bandwidth of 95 Hz, the equivalent resolution/
noise is
ln(1.56 MHz/95 Hz)/ln(2) = 14 bits
At a bandwidth of 1.5 kHz, the equivalent resolution/noise is
ln(1.56 MHz/1.5 kHz)/ln(2) = 10 bits
The high frequency ADC has a 25 MHz clock. It is comb filtered and
outputs at the switching frequency into the digital compensator. See
Table 5 for equivalent resolutions at selected sampling frequencies.
Table 5. Equivalent Resolutions for High Frequency ADC at
Selected Switching Frequencies
fSW (kHz)
High Frequency ADC Resolution (Bits)
49 to 87
9
97.5 to 184
8
195.5 to 379
7
390.5 to 625
6
The high frequency ADC has a range of ±25 mV. Using a base
switching frequency of 97.5 kHz at an 8-bit HF ADC resolution,
the quantization noise is 0.195 mV (1 LSB = 2 × 25 mV/28 =
0.195 mV). When the switching frequency increases to 195.5 kHz
at a 7-bit HF ADC resolution, the quantization noise is 0.391 mV
(1 LSB = 2 × 25 mV/27 = 0.391 mV). Increasing the switching
frequency to 390.5 kHz increases the quantization noise to 0.781 mV
(1 LSB = 2 × 25 mV/26 = 0.781 mV).
Output Voltage Adjustment Commands
In the ADP1050, the voltage data for commanding or reading
the output voltage or related parameters is in linear data format.
The linear format exponent is fixed at −10 decimal (see the
VOUT_MODE command, Register 0x20, in Table 21).
The following three basic commands are used for setting the
output voltage:
•
VOUT_COMMAND command (Register 0x21, Table 22)
•
VOUT_MARGIN_HIGH command (Register 0x25, Table 26)
•
VOUT_MARGIN_LOW command (Register 0x26, Table 27)
One of these three values is selected by the OPERATION command
(Register 0x01, Table 13).
The VOUT_MAX command (Register 0x24, Table 25) sets an
upper limit on the output voltage that the ADP1050 can command,
regardless of any other commands or combinations.
During output voltage adjustment, use the VOUT_TRANSITION_
RATE command (Register 0x27, Table 28) to set the rate (in mV/µs)
at which the VS± pins change voltage.
DIGITAL COMPENSATOR
Use the internal programmable digital compensator to change the
control loop of the power supply. A Type III digital compensator
architecture has been implemented. This Type III compensator is
reconstructed by a low frequency filter, with input from the low
frequency ADC, and a high frequency filter, with input from the
high frequency ADC. From the voltage sense ADC outputs to the
digital compensator output, the transfer function of the digital
compensator in z-domain is as follows:
( )
a
z
b
z
c
z
z
m
d
z
H
−
−
×
+
−
×
×
=
8
.
12
1
8
.
204
where:
a = HF filter pole register value/256 (Register 0xFE32/256).
b = HF filter zero registers value/256 (Register 0xFE31/256).
c = HF filter gain register value (Register 0xFE33).
d = LF filter gain register value (Register 0xFE30).
m is the scale factor, as follows:
m = 1 when 49 kHz ≤ fSW < 97.5 kHz
m = 2 when 97.5 kHz ≤ fSW < 195.5 kHz
m = 4 when 195.5 kHz ≤ fSW < 390.5 kHz
m = 8 when 390.5 kHz ≤ fSW
To tailor the loop response to the specific application, the low
frequency gain (represented by d), the zero location of the HF
filter (represented by b), the pole location of the HF filter
(represented by a), and the high frequency gain (represented by c)
can all be set up individually (see the Digital Compensator and
Modulation Setting Registers section).
Rev. A | Page 17 of 92



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com