Electronic Components Datasheet Search
  English  ▼

X  

ADP1050 Datasheet(PDF) 10 Page - Analog Devices

Part # ADP1050
Description  Versatile digital voltage mode controller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1050 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADP1050 Datasheet HTML 6Page - Analog Devices ADP1050 Datasheet HTML 7Page - Analog Devices ADP1050 Datasheet HTML 8Page - Analog Devices ADP1050 Datasheet HTML 9Page - Analog Devices ADP1050 Datasheet HTML 10Page - Analog Devices ADP1050 Datasheet HTML 11Page - Analog Devices ADP1050 Datasheet HTML 12Page - Analog Devices ADP1050 Datasheet HTML 13Page - Analog Devices ADP1050 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 93 page
background image
Data Sheet
ADP1050
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
14
13
12
1
3
4
PG/ALT
15 VCORE
CTRL
SDA
11 SCL
OVP
VS+
2
VS–
VF
5
CS1
ADP1050
TOP VIEW
(Not to Scale)
NOTES
1. THE ADP1050 HAS AN EXPOSED THERMAL PAD ON
THE UNDERSIDE OF THE PACKAGE. FOR INCREASED
RELIABILITY OF THE SOLDER JOINTS AND MAXIMUM
THERMAL CAPABILITY, IT IS RECOMMENDED THAT
THE EXPOSED PAD BE SOLDERED TO THE PCB AGND PLANE.
Figure 3. Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
OVP
Overvoltage Protection. This signal is used as redundant overvoltage protection. This signal is referred to AGND.
2
VS−
Inverting Voltage Sense Input. This pin is the connection for the ground line of the power rail. Provide a low ohmic
connection to AGND. To allow trimming, it is recommended that the resistor divider on this input have a tolerance
specification of ≤0.5%.
3
VS+
Noninverting Voltage Sense Input. This signal is referred to VS−. To allow trimming, it is recommended that the
resistor divider on this input have a tolerance specification of ≤0.5%.
4
VF
Voltage Feedforward. Three optional functions can be implemented with this pin: feedforward, primary side input
voltage sensing, and input voltage UVLO protection. The pin is connected upstream of the output inductor
through a resistor divider network. The nominal voltage at this pin is 1 V. This signal is referred to AGND.
5
CS1
Primary Side Current Sense Input. This pin is connected to the primary side current sensing ADC and to the cycle-
by-cycle current-limit comparator. This signal is referred to AGND. To allow trimming, it is recommended that the
resistors on this input have a tolerance specification of ≤0.5%. If this pin is not used, connect it to AGND.
6
SR1
PWM Logic Output Drive. This pin can be disabled when not in use. This signal is referred to AGND.
7
SR2
PWM Logic Output Drive. This pin can be disabled when not in use. This signal is referred to AGND.
8
OUTA
PWM Logic Output Drive. This pin can be disabled when not in use. This signal is referred to AGND.
9
OUTB
PWM Logic Output Drive. This pin can be disabled when not in use. This signal is referred to AGND.
10
SYNI/FLGI
Synchronization Signal Input (SYNI)/External Signal Input to Generate a Flag Condition (FLGI). If this pin is not
used, connect it to AGND.
11
SCL
I2C/PMBus Serial Clock Input and Output (Open Drain). This signal is referred to AGND.
12
SDA
I2C/PMBus Serial Data Input and Output (Open Drain). This signal is referred to AGND.
13
CTRL
PMBus Control Signal. It is recommended that a 1 nF capacitor be connected from the CTRL pin to AGND for noise
debounce and decoupling. This signal is referred to AGND.
14
PG/ALT
Power-Good Output (Open Drain)(PG)/Active Low SMBus ALERT Signal (ALT). Connect this pin to VDD using a pull-
up resistor (typically 2.2 kΩ). The power-good signal is referred to AGND. For information about the SMBus
specification, see the PMBus Features section.
15
VCORE
Output of the 2.6 V Regulator. Connect a decoupling capacitor of at least 330 nF from this pin to AGND, as close as
possible to the ADP1050 to minimize the PCB trace length. It is recommended that this pin not be used as a
reference or to generate other logic levels using resistive dividers.
16
VDD
Positive Supply Input. Voltage of 3.0 V to 3.6 V. This signal is referred to AGND. Connect a 2.2 μF decoupling
capacitor from this pin to AGND, as close as possible to the ADP1050 to minimize the PCB trace length.
17
AGND
Common Analog Ground. The internal analog circuitry ground and the digital circuitry ground are star connected
to this pin through bonding wires.
18
RES
Resistor Input. This pin sets the internal reference for the internal PLL frequency. Connect a 10 kΩ resistor (±0.1%)
from this pin to AGND. This signal is referred to AGND.
19
ADD
Address Select Input. This pin is used to program the I2C/PMBus address. Connect a resistor from ADD to AGND.
This signal is referred to AGND.
Rev. A | Page 9 of 92



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com