Electronic Components Datasheet Search
  English  ▼

X  

ADP1050 Datasheet(PDF) 83 Page - Analog Devices

Part # ADP1050
Description  Versatile digital voltage mode controller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1050 Datasheet(HTML) 83 Page - Analog Devices

Back Button ADP1050 Datasheet HTML 79Page - Analog Devices ADP1050 Datasheet HTML 80Page - Analog Devices ADP1050 Datasheet HTML 81Page - Analog Devices ADP1050 Datasheet HTML 82Page - Analog Devices ADP1050 Datasheet HTML 83Page - Analog Devices ADP1050 Datasheet HTML 84Page - Analog Devices ADP1050 Datasheet HTML 85Page - Analog Devices ADP1050 Datasheet HTML 86Page - Analog Devices ADP1050 Datasheet HTML 87Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 93 page
background image
ADP1050
Data Sheet
Figure 57 and Register 0xFE3C describe the modulation limit settings.
t
RX
t
FX
tRY
tFY
t0, START OF
SWITCHING CYCLE
tS/2
tS, END OF
SWITCHING CYCLE
3
tS/2
OUTX
OUTY
t
MODU_LIMIT
t
MODU_LIMIT
Figure 57. Setting Modulation Limits
Table 137. Register 0xFE3C—Modulation Limit
Bits
Bit Name/Function
R/W
Description
[7:0]
Modulation limit
R/W
This register sets the modulation limit, tMODU_LIMIT (maximum duty cycle). The modulation
limit is the maximum time variation for the modulated edges from the default timing
(see Figure 57). The step size of an LSB depends on the switching frequency.
Switching Frequency Range (kHz)
LSB Step Size (ns)
49 to 87
80
97.5 to 184
40
195.5 to 379
20
390.5 to 625
10
Table 138. Register 0xFE3D—Feedforward and Soft Start Filter Gain
Bits
Bit Name/Function
R/W
Description
7
Soft start enable of open-loop
input voltage feedforward
operation
R/W
Setting this bit enables the soft start procedure of the open-loop input voltage
feedforward operation.
Set Bit 6 if this function is used.
6
Open-loop input voltage
feedforward operation enable
R/W
0 = open-loop input voltage feedforward operation is disabled.
1 = open-loop input voltage feedforward operation is enabled.
5
High frequency ADC debounce
time
R/W
This bit sets the debounce time for detecting the settling of the VS high frequency ADC.
Bit 4 must be set to 1 to enable this function.
0 = 5 ms debounce time.
1 = 10 ms debounce time.
4
High frequency ADC debounce
enable
R/W
Setting this bit enables a debounce time for detecting the settling of the VS high frequency
ADC at the end of a soft start. The debounce time is set using Bit 5.
3
Feedforward ADC selection
R/W
Always set this bit to select the 11-bit VF ADC (factory default setting).
2
Feedforward enable
R/W
This bit enables or disables feedforward control during closed-loop operation.
0 = closed-loop input voltage feedforward control is disabled.
1 = closed-loop input voltage feedforward control is enabled.
[1:0]
Soft start filter gain
R/W
These bits set the soft start gain of the soft start filter.
Bit 1
Bit 0
Soft Start Filter Gain
0
0
1
0
1
2
1
0
4
1
1
8
Rev. A | Page 82 of 92



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com