Electronic Components Datasheet Search
  English  ▼

X  

ADP1050 Datasheet(PDF) 33 Page - Analog Devices

Part # ADP1050
Description  Versatile digital voltage mode controller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1050 Datasheet(HTML) 33 Page - Analog Devices

Back Button ADP1050 Datasheet HTML 29Page - Analog Devices ADP1050 Datasheet HTML 30Page - Analog Devices ADP1050 Datasheet HTML 31Page - Analog Devices ADP1050 Datasheet HTML 32Page - Analog Devices ADP1050 Datasheet HTML 33Page - Analog Devices ADP1050 Datasheet HTML 34Page - Analog Devices ADP1050 Datasheet HTML 35Page - Analog Devices ADP1050 Datasheet HTML 36Page - Analog Devices ADP1050 Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 93 page
background image
ADP1050
Data Sheet
Using Figure 30 as an example, assume that R1 and R2 are 20 kΩ
and 10 kΩ, respectively, and the value in Register 0x4F is
TOT_SET_LIMIT.
If TOT_SET_LIMIT < 104 decimal,
TOT_ACTUAL_LIMIT = 1.6039 × TOT_SET_LIMIT − 48.8623
If TOT_SET_LIMIT ≥ 104 decimal
TOT_ACTUAL_LIMIT = 0.801967 × TOT_SET_LIMIT + 34.5423
Table 8 shows some typical OTP threshold settings when using
an analog temperature sensor, such as the STLM20.
Table 8. Typical OT Fault Limit Settings When Using
an Analog Temperature Sensor
TOT_SET_LIMIT
OT Limit Programmed
in Register 0x4F (In Decimal)
TOT_ACTUAL_LIMIT
Actual OT Limit (°C)
55
39.35
60
47.37
65
55.39
70
63.41
75
71.43
80
79.45
85
87.47
90
95.49
95
103.51
100
111.53
105
118.75
110
122.76
115
126.77
120
130.78
125
134.79
130
138.80
If the STLM20 is used, the temperature hysteresis can be set
using Register 0xFE2F[1:0], as follows:
00 = 3.21°C, 01 = 6.42°C, 10 = 9.62°C, or 11 = 12.83°C
VIN_ON and VIN_OFF
Two PMBus commands, VIN_ON (Register 0x35) and VIN_OFF
(Register 0x36), allow the user to set the input voltage on and off
limits independently.
The VIN_LOW flag in Register 0x7C[3] is set at initialization.
When the input voltage exceeds the VIN_ON limit, the VIN_LOW
flag is cleared. If the PSON signal is asserted, the power conversion
starts. When the input voltage drops below the VIN_OFF limit,
the VIN_LOW flag is set and the power conversion stops. The
delay time for the power conversion start and stop can be set
separately by Register 0xFE29[3:2] and Register 0xFE29[4].
Alternatively, if the input voltage signal is not available before
startup, the VIN_ON and VIN_OFF commands can be set for
input voltage undervoltage protection using Register 0xFE29[5].
The VIN_UV_FAULT flag in Register 0x78[3], Register 0x79[3],
and Register 0x7C[4] is set if the input voltage reading falls below
the VIN_OFF limit.
The debounce time of the VIN_UV_FAULT flag setting can
be programmed at 0 ms, 2.5 ms, 10 ms, or 100 ms, using
Register 0xFE29[1:0]. Because the VIN reading is averaged every
1 ms, there is an additional debounce time of up to 1 ms.
The response to the VIN_UV_FAULT flag is programmed via the
VIN_UV_FAULT_RESPONSE bits (Register 0xFE02[7:4]). Refer
to the Manufacturer Specific Protection Responses section and
Table 97 for details.
MANUFACTURER SPECIFIC PROTECTION
COMMANDS
CS1 Cycle-by-Cycle Current Limit
The CS1 cycle-by-cycle current limit is implemented using an
internal analog comparator (see Figure 23). When the voltage
at the CS1 pin (Pin 5) exceeds the threshold set by Register
0xFE1B[6], the comparator output is triggered high and an
internal flag (CS1_ OCP, which is not accessible by the user and,
therefore, not listed in the register tables) is triggered. There is
a 105 ns (maximum) propagation delay in the comparators.
A blanking time of 0 ns, 40 ns, 80 ns, 120 ns, 200 ns, 400 ns, 600 ns,
or 800 ns can be set to ignore the current spike at the beginning of
the current signal. The blanking time is set in Register 0xFE1F[6:4].
During this time, the comparator output is ignored. The blanking
time of the CS1_OCP flag can be referenced to the rising edges
of OUTA and OUTB, using Register 0xFE1D[1:0].
A debounce time of 0 ns, 40 ns, 80 ns, or 120 ns can also be added
to improve the noise immunity of the CS1 OCP comparator output
circuit. The debounce time is set using Register 0xFE1F[1:0].
This is the minimum time that the CS1 signal must be constantly
above the threshold before the PWM outputs are shut down.
Rev. A | Page 32 of 92



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com