Electronic Components Datasheet Search
  English  ▼

X  

ADP1050 Datasheet(PDF) 27 Page - Analog Devices

Part # ADP1050
Description  Versatile digital voltage mode controller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1050 Datasheet(HTML) 27 Page - Analog Devices

Back Button ADP1050 Datasheet HTML 23Page - Analog Devices ADP1050 Datasheet HTML 24Page - Analog Devices ADP1050 Datasheet HTML 25Page - Analog Devices ADP1050 Datasheet HTML 26Page - Analog Devices ADP1050 Datasheet HTML 27Page - Analog Devices ADP1050 Datasheet HTML 28Page - Analog Devices ADP1050 Datasheet HTML 29Page - Analog Devices ADP1050 Datasheet HTML 30Page - Analog Devices ADP1050 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 93 page
background image
ADP1050
Data Sheet
Manufacturer Specific Latched Flags
The ADP1050 has a set of latched flag registers (Register 0xFEA3
to Register 0xFEA5). The latched flag registers have the same flags
as Register 0xFEA0 to Register 0xFEA2, but the flags in the latched
registers remain set so that intermittent faults can be detected.
Reading a latched flag register resets all the flags in that register.
A PSON signal can also reset the latched flags.
Flags Debounce Time
The debounce timing of the manufacturer specific flags and
the PMBus standard flags is programmable (see Table 6). The
debounce time is the time during which the fault condition
must be continuously triggered before the flag is set. Refer to
the corresponding register settings for more information.
The debounce time is used for flag setting. Only the PGOOD
flag has a debounce time for flag clearing. For all other flags,
the flag reenable delay, specified in Register 0xFE05[7:6] (see
Table 99), functions as the debounce time for flag clearing.
Refer to the Manufacturer Specific Protection Responses
section for details.
Housekeeping Flags
The CHIP_PASSWORD_UNLOCKED flag (Register 0xFEA0[7])
indicates that the chip password is in the unlocked state, and all
the registers can be accessed.
The VDD_OV flag (Register 0xFEA0[0]) is set when the VDD
voltage exceeds the VDD overvoltage lockout (OVLO) threshold.
The debounce time is programmable as 2 μs or 500 μs, using
Register 0xFE05[4]. When the flag is set, the ADP1050 shuts
down. The flag is always cleared when Register 0xFE05[5] is set,
regardless of the VDD voltage.
The EEPROM_UNLOCKED flag (Register 0xFEA2[3]) indicates
that the EEPROM is in the unlocked state and can be updated.
The CRC_FAULT flag (Register 0xFEA2[2]) indicates that an error
has occurred when downloading the EEPROM contents to the
internal registers. The device shuts down and requires a PSON
signal (programmed in Register 0x01 and Register 0x02) and/or
the toggling of the CTRL pin (Pin 13) to restart.
Flag Blanking During Soft Start
Flag blanking means that when a fault condition is met, the
corresponding flag is set, but there are no related actions.
The following flags are always blanked during soft start:
•
VOUT_UV_FAULT
•
OT_FAULT
The following flags can be programmed to be blanked during soft
start, using Register 0xFE0B:
•
VOUT_OV_FAULT (Bit 0)
•
CS3_OC_FAULT (Bit 1)
•
IIN_OC_FAST_FAULT (Bit 3)
•
VIN_UV_FAULT (Bit 4)
•
FLAGIN (Bit 6)
If a flag is blanked during soft start, it is also blanked during the
TON_DELAY time.
Table 6. Flag Debounce Time
Flag
Debounce Time
Register
VOUT_OV_FAULT
0 μs, 1 μs, 2 μs, 8 μs
0xFE26[7:6]
VOUT_UV_FAULT
0 ms, 20 ms, 40 ms, 80 ms, 160 ms, 320 ms, 640 ms, 1280 ms
0x45[2:0]
OT_FAULT
1 sec
0x50[2:0]
OT_WARNING
0 ms, 100 ms
0xFE2F[2]
CS3_OC_FAULT
0 ms, 10 ms, 20 ms, 200 ms
0xFE19[6:5]
VIN_UV_FAULT
0 ms, 2.5 ms, 10 ms, 100 ms
0xFE29[1:0]
FLAGIN
0 μs, 100 μs
0xFE12[1]
VDD_OV
2 μs, 500 μs
0xFE05[4]
PGOOD
0 ms, 200 ms, 320 ms, 600 ms
0xFE0E[3:0]
Rev. A | Page 26 of 92



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com