Electronic Components Datasheet Search
  English  ▼

X  

ADP1050 Datasheet(PDF) 22 Page - Analog Devices

Part # ADP1050
Description  Versatile digital voltage mode controller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1050 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADP1050 Datasheet HTML 18Page - Analog Devices ADP1050 Datasheet HTML 19Page - Analog Devices ADP1050 Datasheet HTML 20Page - Analog Devices ADP1050 Datasheet HTML 21Page - Analog Devices ADP1050 Datasheet HTML 22Page - Analog Devices ADP1050 Datasheet HTML 23Page - Analog Devices ADP1050 Datasheet HTML 24Page - Analog Devices ADP1050 Datasheet HTML 25Page - Analog Devices ADP1050 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 93 page
background image
Data Sheet
ADP1050
PSON SIGNAL
TON_DELAY
REG 0x60
TON_RISE
REG 0x61
HF ADC SETTLING
DEBOUNCE
REG 0xFE3D[5:4]
PGOOD DEBOUNCE
REG 0xFE0E[3:2]
VOUT
SOFT_START_FILTER FLAG
REG 0xFEA2[0]
POWER_OFF FLAG
REG 0x78[6] AND REG 0x79[6]
t0
t1
t2
t3
t4
PG/ALT PIN
Figure 25. Soft Start Timing Diagram
When the user turns on the power supply, the following soft start
procedure is initiated (see Figure 25):
1. At t0, the PSON signal is enabled by using the OPERATION
command, the ON_OFF_CONFIG command, and/or the
CTRL pin. The ADP1050 verifies that the initial flags indicate
no abnormalities.
2. The ADP1050 waits for the programmed TON_DELAY time
to ramp up the power stage voltage at t1. The soft start filter
gain (set by Register 0xFE3D[1:0]) is used for closed-loop
control.
3. The soft start begins to ramp up the internal reference. The
soft start ramp time is programmed using the TON_RISE
command.
4. At t2, the soft start ramp reaches the output voltage
setpoint. The high frequency ADC starts to settle.
5. Additional high frequency ADC settling debounce time
can be programmed using Register 0xFE3D[5:4]. If the
debounce time is used, the high frequency ADC is activated
at t3. The period between t2 and t3 is the high frequency
ADC settling debounce time. At t3, the control loop is
switched from the soft start filter to the normal filter.
If no faults are present, the PGOOD signal waits for the
programmed clearing debounce time (Register 0xFE0E[3:2])
before the PG/ALT pin is pulled high at t4.
If a fault condition occurs during the soft start ramp (the time
set by the TON_RISE command, t1 to t2), the ADP1050 responds
as programmed, unless the flag is blanked during soft start. The
user can program which flags are active during the soft start. All
flags are active at the end of the soft start ramp (t2). See the Flag
Blanking During Soft Start section for more information.
The SR1 and SR2 outputs and the volt-second balance functions
can also be disabled during the soft start ramp. For more
information, see the Synchronous Rectification section and the
Volt-Second Balance Control section, respectively.
Digital Filters During Soft Start
A dedicated soft start filter is used during soft start. The soft
start filter is a pure low frequency filter with a programmable
gain. The filter is disabled at the end of the soft start routine (t2),
and then the general digital compensator is used. The soft start
filter gain is programmed using Register 0xFE3D[1:0]. The soft
start filter is used during the ramp time of the voltage reference,
until the VS high frequency ADC is settled. The user can program
(using Register 0xFE3D[4]) whether a high frequency ADC
debounce time is added. The high frequency ADC debounce
time is the interval from when the high frequency ADC is settled
to when the frequency filter takes action. The debounce time
can be programmed at 5 ms or 10 ms using Register 0xFE3D[5].
During the time when the soft start filter is in use, the SOFT_
START_FILTER flag is set. It is recommended that a high
frequency ADC debounce time not be used if the fast load
transient occurs during soft start.
Software Reset
The software reset command allows the user to perform a software
reset of the ADP1050. When a 1 is written to Register 0xFE06[0],
the power supply is immediately turned off and then restarted with
a soft start following a restart delay. The restart delay time can be
programmed as 0 ms, 500 ms, 1 sec, or 2 sec (Register 0xFE07[1:0]).
If both TON_DELAY and the restart delay are programmed with
0 ms, a write to Register 0xFE06[0] does nothing.
Shutdown
When the ADP1050 is commanded to turn off, the PSON signal is
cleared. Depending on the setting of the OPERATION command,
the ADP1050 shuts down immediately or waits for a user specified
turn-off delay (TOFF_DELAY) prior to the shutdown action.
If the ADP1050 is turned off because a fault condition occurs, the
shutdown actions are programmed by the specific fault flag
responses. See the Power Monitoring, Flags, and Fault Responses
section for more information. The PGOOD flag setting debounce
time can be programmed in Register 0xFE0E[1:0]). This debounce
time is from when the PGOOD setting condition is met to when
the PGOOD flag is set and the PG/ALT pin is pulled low.
Rev. A | Page 21 of 92



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com