Electronic Components Datasheet Search
  English  ▼

X  

DS2196 Datasheet(PDF) 106 Page - Dallas Semiconductor

Part # DS2196
Description  T1 Dual Framer LIU
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2196 Datasheet(HTML) 106 Page - Dallas Semiconductor

Back Button DS2196 Datasheet HTML 102Page - Dallas Semiconductor DS2196 Datasheet HTML 103Page - Dallas Semiconductor DS2196 Datasheet HTML 104Page - Dallas Semiconductor DS2196 Datasheet HTML 105Page - Dallas Semiconductor DS2196 Datasheet HTML 106Page - Dallas Semiconductor DS2196 Datasheet HTML 107Page - Dallas Semiconductor DS2196 Datasheet HTML 108Page - Dallas Semiconductor DS2196 Datasheet HTML 109Page - Dallas Semiconductor DS2196 Datasheet HTML 110Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 157 page
background image
DS2196
106 of 157
HSRA: HDLC STATUS REGISTER FRAMER A (Address = 01 Hex)
HSRB: HDLC STATUS REGISTER FRAMER B (Address = A1 Hex)
(MSB)
(LSB)
RBOC
RPE
RPS
RHALF
RNE
THALF
TNF
TMEND
SYMBOL
POSITION
NAME AND DESCRIPTION
RBOC
HSR.7
Receive BOC Detector Change of State. Set whenever the
BOC detector sees a change of state from a BOC Detected to a
No Valid Code seen or vice versa. The setting of this bit
prompt the user to read the RBOC register for details.
RPE
HSR.6
Receive Packet End. Set when the HDLC controller detects
either the finish of a valid message (i.e., CRC check complete)
or when the controller has experienced a message fault such as
a CRC checking error, or an overrun condition, or an abort has
been seen. The setting of this bit prompts the user to read the
RHIR register for details.
RPS
HSR.5
Receive Packet Start. Set when the HDLC controller detects
an opening byte. The setting of this bit prompts the user to
read the RHIR register for details.
RHALF
HSR.4
Receive FIFO Half Full. Set when the receive 64–byte FIFO
fills beyond the half waypoint. The setting of this bit prompts
the user to read the RHIR register for details.
RNE
HSR.3
Receive FIFO Not Empty. Set when the receive 64–byte
FIFO has at least one byte available for a read. The setting of
this bit prompts the user to read the RHIR register for details.
THALF
HSR.2
Transmit FIFO Half Empty. Set when the transmit 64–byte
FIFO empties beyond the half waypoint. The setting of this bit
prompts the user to read the THIR register for details.
TNF
HSR.1
Transmit FIFO Not Full. Set when the transmit 64–byte
FIFO has at least one byte available. The setting of this bit
prompts the user to read the THIR register for details.
TMEND
HSR.0
Transmit Message End. Set when the transmit HDLC
controller has finished sending a message. The setting of this
bit prompts the user to read the THIR register for details.
NOTE:
The RBOC, RPE, RPS, and TMEND bits are latched and will be cleared when read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com