Electronic Components Datasheet Search
  English  ▼

X  

DS2196 Datasheet(PDF) 109 Page - Dallas Semiconductor

Part # DS2196
Description  T1 Dual Framer LIU
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2196 Datasheet(HTML) 109 Page - Dallas Semiconductor

Back Button DS2196 Datasheet HTML 105Page - Dallas Semiconductor DS2196 Datasheet HTML 106Page - Dallas Semiconductor DS2196 Datasheet HTML 107Page - Dallas Semiconductor DS2196 Datasheet HTML 108Page - Dallas Semiconductor DS2196 Datasheet HTML 109Page - Dallas Semiconductor DS2196 Datasheet HTML 110Page - Dallas Semiconductor DS2196 Datasheet HTML 111Page - Dallas Semiconductor DS2196 Datasheet HTML 112Page - Dallas Semiconductor DS2196 Datasheet HTML 113Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 157 page
background image
DS2196
109 of 157
RBOCA: RECEIVE BIT ORIENTED CODE REGISTER FRAMER A
(Address = 04 Hex)
RBOCB: RECEIVE BIT ORIENTED CODE REGISTER FRAMER B
(Address = A4 Hex)
(MSB)
(LSB)
LBD
BD
BOC5
BOC4
BOC3
BOC2
BOC1
BOC0
SYMBOL
POSITION
NAME AND DESCRIPTION
LBD
RBOC.7
Latched BOC Detected. A latched version of the BD status bit
(RBOC.6). Will be cleared when read.
BD
RBOC.6
BOC Detected. A real–time bit that is set high when the BOC
detector is presently seeing a valid sequence and set low when
no BOC is currently being detected.
BOC5
RBOC.5
BOC Bit 5. Last bit received of the 6–bit code word.
BOC4
RBOC.4
BOC Bit 4.
BOC3
RBOC.3
BOC Bit 3.
BOC2
RBOC.2
BOC Bit 2.
BOC1
RBOC.1
BOC Bit 1.
BOC0
RBOC.0
BOC Bit 0. First bit received of the 6–bit code word.
NOTE:
1. The LBD bit is latched and will be cleared when read.
2. The RBOC0 to RBOC5 bits display the last valid BOC code verified; these bits will be set to all 1’s
on reset.
RHFRA: RECEIVE HDLC FIFO from FRAMER A (Address = 05 Hex)
RHFRB: RECEIVE HDLC FIFO from FRAMER B (Address = A5 Hex)
(MSB)
(LSB)
HDLC7
HDLC6
HDLC5
HDLC4
HDLC3
HDLC2
HDLC1
HDLC0
SYMBOL
POSITION
NAME AND DESCRIPTION
HDLC7
RHFR.7
HDLC Data Bit 7. MSB of a HDLC packet data byte.
HDLC6
RHFR.6
HDLC Data Bit 6.
HDLC5
RHFR.5
HDLC Data Bit 5.
HDLC4
RHFR.4
HDLC Data Bit 4.
HDLC3
RHFR.3
HDLC Data Bit 3.
HDLC2
RHFR.2
HDLC Data Bit 2.
HDLC1
RHFR.1
HDLC Data Bit 1.
HDLC0
RHFR.0
HDLC Data Bit 0. LSB of a HDLC packet data byte.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com