Electronic Components Datasheet Search
  English  ▼

X  

DS2196 Datasheet(PDF) 111 Page - Dallas Semiconductor

Part # DS2196
Description  T1 Dual Framer LIU
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2196 Datasheet(HTML) 111 Page - Dallas Semiconductor

Back Button DS2196 Datasheet HTML 107Page - Dallas Semiconductor DS2196 Datasheet HTML 108Page - Dallas Semiconductor DS2196 Datasheet HTML 109Page - Dallas Semiconductor DS2196 Datasheet HTML 110Page - Dallas Semiconductor DS2196 Datasheet HTML 111Page - Dallas Semiconductor DS2196 Datasheet HTML 112Page - Dallas Semiconductor DS2196 Datasheet HTML 113Page - Dallas Semiconductor DS2196 Datasheet HTML 114Page - Dallas Semiconductor DS2196 Datasheet HTML 115Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 157 page
background image
DS2196
111 of 157
TBOCA: TRANSMIT BIT ORIENTED CODE for FORMATTER A
(Address = 07 Hex)
TBOCB: TRANSMIT BIT ORIENTED CODE for FORMATTER B
(Address = A7 Hex)
(MSB)
(LSB)
SBOC
HBEN
BOC5
BOC4
BOC3
BOC2
BOC1
BOC0
SYMBOL
POSITION
NAME AND DESCRIPTION
SBOC
TBOC.7
Send BOC. Rising edge triggered. Must be transitioned from
a 0 to a 1 transmit the BOC code placed in the BOC0 to BOC5
bits instead of data from the HDLC controller.
HBEN
TBOC.6
Transmit HDLC & BOC Controller Enable.
0 = source FDL data from the TLINK pin
1 = source FDL data from the onboard HDLC and BOC
controller
BOC5
TBOC.5
BOC Bit 5. Last bit transmitted of the 6–bit code word.
BOC4
TBOC.4
BOC Bit 4.
BOC3
TBOC.3
BOC Bit 3.
BOC2
TBOC.2
BOC Bit 2.
BOC1
TBOC.1
BOC Bit 1.
BOC0
TBOC.0
BOC Bit 0. First bit transmitted of the 6–bit code word.
THFRA: TRANSMIT HDLC FIFO for FORMATTER A (Address = 08 Hex)
THFRB: TRANSMIT HDLC FIFO for FORMATTER B (Address = A8 Hex)
(MSB)
(LSB)
HDLC7
HDLC6
HDLC5
HDLC4
HDLC3
HDLC2
HDLC1
HDLC0
SYMBOL
POSITION
NAME AND DESCRIPTION
HDLC7
THFR.7
HDLC Data Bit 7. MSB of a HDLC packet data byte.
HDLC6
THFR.6
HDLC Data Bit 6.
HDLC5
THFR.5
HDLC Data Bit 5.
HDLC4
THFR.4
HDLC Data Bit 4.
HDLC3
THFR.3
HDLC Data Bit 3.
HDLC2
THFR.2
HDLC Data Bit 2.
HDLC1
THFR.1
HDLC Data Bit 1.
HDLC0
THFR.0
HDLC Data Bit 0. LSB of a HDLC packet data byte.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com