Electronic Components Datasheet Search
  English  ▼

X  

DS2196 Datasheet(PDF) 129 Page - Dallas Semiconductor

Part # DS2196
Description  T1 Dual Framer LIU
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2196 Datasheet(HTML) 129 Page - Dallas Semiconductor

Back Button DS2196 Datasheet HTML 125Page - Dallas Semiconductor DS2196 Datasheet HTML 126Page - Dallas Semiconductor DS2196 Datasheet HTML 127Page - Dallas Semiconductor DS2196 Datasheet HTML 128Page - Dallas Semiconductor DS2196 Datasheet HTML 129Page - Dallas Semiconductor DS2196 Datasheet HTML 130Page - Dallas Semiconductor DS2196 Datasheet HTML 131Page - Dallas Semiconductor DS2196 Datasheet HTML 132Page - Dallas Semiconductor DS2196 Datasheet HTML 133Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 157 page
background image
DS2196
129 of 157
Table 20-3: DEVICE ID CODES
DEVICE
16-BIT NUMBER
DS2196
0009 h
HIGHZ
All digital outputs of the DS2196 will be placed in a high impedance state. The BYPASS register will be
connected between JTDI and JTDO.
CLAMP
All digital outputs of the DS2196 will output data from the boundary scan parallel output while
connecting the bypass register between JTDI and JTDO. The outputs will not change during the CLAMP
instruction.
Test Registers
IEEE 1149.1 requires a minimum of two test registers; the bypass register and the boundary scan register.
An optional test register has been included with the DS2196 design. This test register is the identification
register and is used in conjunction with the IDCODE instruction and the Test-Logic-Reset state of the
TAP controller.
Boundary Scan Register
This register contains both a shift register path and a latched parallel output for all control cells and
digital I/O cells and is 126 bits in length. Table 20-3 shows all of the cell bit locations and definitions.
Bypass Register
This is a single 1-bit shift register used in conjunction with the BYPASS, CLAMP, and HIGHZ
instructions, which provides a short path between JTDI and JTDO.
Identification Register
The identification register contains a 32-bit shift register and a 32-bit latched parallel output. This
register is selected during the IDCODE instruction and when the TAP controller is in the Test-Logic-
Reset state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com