Electronic Components Datasheet Search
  English  ▼

X  

DS2196 Datasheet(PDF) 125 Page - Dallas Semiconductor

Part # DS2196
Description  T1 Dual Framer LIU
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2196 Datasheet(HTML) 125 Page - Dallas Semiconductor

Back Button DS2196 Datasheet HTML 121Page - Dallas Semiconductor DS2196 Datasheet HTML 122Page - Dallas Semiconductor DS2196 Datasheet HTML 123Page - Dallas Semiconductor DS2196 Datasheet HTML 124Page - Dallas Semiconductor DS2196 Datasheet HTML 125Page - Dallas Semiconductor DS2196 Datasheet HTML 126Page - Dallas Semiconductor DS2196 Datasheet HTML 127Page - Dallas Semiconductor DS2196 Datasheet HTML 128Page - Dallas Semiconductor DS2196 Datasheet HTML 129Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 157 page
background image
DS2196
125 of 157
20.2TAP CONTROLLER STATE MACHINE
This section covers the details on the operation of the Test Access Port (TAP) Controller State Machine.
Please see Figure 20.2 for details on each of the states described below.
TAP Controller
The TAP controller is a finite state machine that responds to the logic level at JTMS on the rising edge of
JTCLK.
Test-Logic-Reset
Upon power up of the DS2196, the TAP Controller will be in the Test-Logic-Reset state. The Instruction
register will contain the IDCODE instruction. All system logic of the DS2196 will operate normally.
Run-Test-Idle
The Run-Test-Idle is used between scan operations or during specific tests. The Instruction register and
Test registers will remain idle.
Select-DR-Scan
All test registers retain their previous state. With JTMS low, a rising edge of JTCLK moves the
controller into the Capture-DR state and will initiate a scan sequence. JTMS HIGH during a rising edge
on JTCLK moves the controller to the Select-IR
Capture-DR
Data may be parallel-loaded into the Test Data registers selected by the current instruction. If the
instruction does not call for a parallel load or the selected register does not allow parallel loads, the Test
register will remain at its current value. On the rising edge of JTCLK, the controller will go to the Shift-
DR state if JTMS is low or it will go to the Exit1-DR state if JTMS is high.
Shift-DR
The Test Data register selected by the current instruction will be connected between JTDI and JTDO and
will shift data one stage towards its serial output on each rising edge of JTCLK. If a Test Register
selected by the current instruction is not placed in the serial path, it will maintain its previous state.
Exit1-DR
While in this state, a rising edge on JTCLK with JTMS high will put the controller in the Update-DR
state, and terminate the scanning process. A rising edge on JTCLK with JTMS low will put the controller
in the Pause-DR state.
Pause-DR
Shifting of the test registers is halted while in this state. All Test registers selected by the current
instruction will retain their previous state. The controller will remain in this state while JTMS is low. A
rising edge on JTCLK with JTMS high will put the controller in the Exit2-DR state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com