Electronic Components Datasheet Search
  English  ▼

X  

DS2196 Datasheet(PDF) 121 Page - Dallas Semiconductor

Part # DS2196
Description  T1 Dual Framer LIU
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2196 Datasheet(HTML) 121 Page - Dallas Semiconductor

Back Button DS2196 Datasheet HTML 117Page - Dallas Semiconductor DS2196 Datasheet HTML 118Page - Dallas Semiconductor DS2196 Datasheet HTML 119Page - Dallas Semiconductor DS2196 Datasheet HTML 120Page - Dallas Semiconductor DS2196 Datasheet HTML 121Page - Dallas Semiconductor DS2196 Datasheet HTML 122Page - Dallas Semiconductor DS2196 Datasheet HTML 123Page - Dallas Semiconductor DS2196 Datasheet HTML 124Page - Dallas Semiconductor DS2196 Datasheet HTML 125Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 157 page
background image
DS2196
121 of 157
Figure 19-1: EXTERNAL ANALOG CONNECTIONS
NOTES:
1. Resistor values are 1%.
2. Circuit requires use of Schottky diodes for D1-D4.
3. S is a 6V transient suppresser.
4. C1 is 0.1 uF.
5. The Rp resistors are used to prevent the fuses from opening during a surge.
6. See the Separate Application Note for details on how to construct a protected interface.
7. MCLK requires a TTL level 1.544 MHz clock (+50 ppm) for proper device operation.
RTIP
RRING
TTIP
TRING
1:1
T1 Receive
Line
T1 Transmit
Line
2:1
(larger winding toward
the network)
DS2196
1uF
(non-
polarized)
DVDD
DVSS
0.1uF
RVDD
RVSS
0.1uF
TVDD
TVSS
0.1uF
+3.3V
0.1uF
Rp
0.01uF
1.544MHz
MCLK
+3.3V
470
470
100
Rp
Fuse
Fuse
Rp
Fuse
Rp
Fuse
S
C1
D1
D2
D3
D4
RTIP
RRING
1:1
T1 Receive
Line
0.1uF
470
470
Rp
Fuse
Rp
Fuse
Alternate Receive Interface
50
50
10 uF
Tant



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com