Electronic Components Datasheet Search
  English  ▼

X  

DS2196 Datasheet(PDF) 122 Page - Dallas Semiconductor

Part # DS2196
Description  T1 Dual Framer LIU
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2196 Datasheet(HTML) 122 Page - Dallas Semiconductor

Back Button DS2196 Datasheet HTML 118Page - Dallas Semiconductor DS2196 Datasheet HTML 119Page - Dallas Semiconductor DS2196 Datasheet HTML 120Page - Dallas Semiconductor DS2196 Datasheet HTML 121Page - Dallas Semiconductor DS2196 Datasheet HTML 122Page - Dallas Semiconductor DS2196 Datasheet HTML 123Page - Dallas Semiconductor DS2196 Datasheet HTML 124Page - Dallas Semiconductor DS2196 Datasheet HTML 125Page - Dallas Semiconductor DS2196 Datasheet HTML 126Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 157 page
background image
DS2196
122 of 157
FREQUENCY (Hz)
1K
100
10
1
0.1
10
100
1K
10K
100K
DS2196
Tolerance
1
Mimimum Tolerance
Level as per
TR 62411 (Dec. 90)
Figure 19-2: JITTER TOLERANCE
Figure 19-3: TRANSMIT WAVEFORM TEMPLATE
0
-0.1
-0.2
-0.3
-0.4
-0.5
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
-500
-300
-100
0
300
500
700
-400
-200
200
400
600
100
TIME (ns)
N
O
R
M
AL
IZ
E
D
A
M
PL
IT
U
D
E
T1.102/87, T1.403,
CB 119 (Oct. 79), &
I.431 Template
-0.77
-0.39
-0.27
-0.27
-0.12
0.00
0.27
0.35
0.93
1.16
-500
-255
-175
-175
-75
0
175
225
600
750
0.05
0.05
0.80
1.15
1.15
1.05
1.05
-0.07
0.05
0.05
-0.77
-0.23
-0.23
-0.15
0.00
0.15
0.23
0.23
0.46
0.66
0.93
1.16
-500
-150
-150
-100
0
100
150
150
300
430
600
750
-0.05
-0.05
0.50
0.95
0.95
0.90
0.50
-0.45
-0.45
-0.20
-0.05
-0.05
UI
Time Amp.
MAXIMUM CURVE
UI
Time Amp.
MINIMUM CURVE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com