Electronic Components Datasheet Search
  English  ▼

X  

DS2196 Datasheet(PDF) 124 Page - Dallas Semiconductor

Part # DS2196
Description  T1 Dual Framer LIU
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2196 Datasheet(HTML) 124 Page - Dallas Semiconductor

Back Button DS2196 Datasheet HTML 120Page - Dallas Semiconductor DS2196 Datasheet HTML 121Page - Dallas Semiconductor DS2196 Datasheet HTML 122Page - Dallas Semiconductor DS2196 Datasheet HTML 123Page - Dallas Semiconductor DS2196 Datasheet HTML 124Page - Dallas Semiconductor DS2196 Datasheet HTML 125Page - Dallas Semiconductor DS2196 Datasheet HTML 126Page - Dallas Semiconductor DS2196 Datasheet HTML 127Page - Dallas Semiconductor DS2196 Datasheet HTML 128Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 157 page
background image
DS2196
124 of 157
20.
JTAG-BOUNDARY SCAN ARCHITECTURE AND TEST ACCESS PORT
20.1DESCRIPTION
The DS2196 IEEE 1149.1 design supports the standard instruction codes SAMPLE/PRELOAD,
BYPASS, and EXTEST. Optional public instructions included with this design are HIGHZ, CLAMP,
and IDCODE. See Figure 20-1 for a block diagram. The DS2196 contains the following items, which
meet the requirements, set by the IEEE 1149.1 Standard Test Access Port and Boundary Scan
Architecture.
Test Access Port (TAP)
TAP Controller
Instruction Register
Bypass Register
Boundary Scan Register
Device Identification Register
Details on Boundary Scan Architecture and the Test Access Port can be found in IEEE 1149.1-1990,
IEEE 1149.1a-1993, and IEEE 1149.1b-1994.
The Test Access Port has the necessary interface pins; JTRST, JTCLK, JTMS, JTDI, and JTDO. See the
pin descriptions for details.
Figure 20-1: BOUNDARY SCAN ARCHITECTURE
+V
Boundary Scan
Register
Identification
Register
Bypass
Register
Instruction
Register
JTDI
JTMS
JTCLK
JTRST
JTDO
+V
+V
Test Access Port
Controller
MUX
10K
10K
10K
Select
Output Enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com