Electronic Components Datasheet Search
  English  ▼

X  

DS2196 Datasheet(PDF) 118 Page - Dallas Semiconductor

Part # DS2196
Description  T1 Dual Framer LIU
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2196 Datasheet(HTML) 118 Page - Dallas Semiconductor

Back Button DS2196 Datasheet HTML 114Page - Dallas Semiconductor DS2196 Datasheet HTML 115Page - Dallas Semiconductor DS2196 Datasheet HTML 116Page - Dallas Semiconductor DS2196 Datasheet HTML 117Page - Dallas Semiconductor DS2196 Datasheet HTML 118Page - Dallas Semiconductor DS2196 Datasheet HTML 119Page - Dallas Semiconductor DS2196 Datasheet HTML 120Page - Dallas Semiconductor DS2196 Datasheet HTML 121Page - Dallas Semiconductor DS2196 Datasheet HTML 122Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 157 page
background image
DS2196
118 of 157
19.
LINE INTERFACE FUNCTION
The line interface function in the DS2196 contains three sections; (1) the receiver which handles clock
and data recovery, (2) the transmitter which wave shapes and drives the T1 line, and (3) the jitter
attenuator. Each of these three sections is controlled by the Line Inter-face Control Register (LICR)
which is described below.
LICR: LINE INTERFACE CONTROL REGISTER FRAMER A
(Address = 7C Hex)
(MSB)
(LSB)
LBOS2
LBOS1
LBOS0
EGL
JAS
JABDS
DJA
TPD
SYMBOL
POSITION
NAME AND DESCRIPTION
LBOS2
LICR.7
Line Build Out Select Bit 2. Sets the transmitter build out; see
the Table 19–1
LBOS1
LICR.6
Line Build Out Select Bit 1. Sets the transmitter build out; see
the Table 19–1
LBOS0
LICR.5
Line Build Out Select Bit 0. Sets the transmitter build out; see
the Table 19–1
EGL
LICR.4
Receive Equalizer Gain Limit.
0 = –36 dB
1 = –15 dB
JAS
LICR.3
Jitter Attenuator Select.
0 = place the jitter attenuator on the receive side
1 = place the jitter attenuator on the transmit side
JABDS
LICR.2
Jitter Attenuator Buffer Depth Select.
0 = 128 bits
1 = 32 bits (use for delay sensitive applications)
DJA
LICR.1
Disable Jitter Attenuator.
0 = jitter attenuator enabled
1 = jitter attenuator disabled
TPD
LICR.0
Transmit Power Down.
0 = normal transmitter operation
1 = powers down the transmitter and 3-states the TTIP and
TRING pins
19.1RECEIVE CLOCK AND DATA RECOVERY
The DS2196 contains a digital clock recovery system. See the DS2196 Block Diagram in Section 1 and
Figure 19–1 for more details. The DS2196 couples to the receive T1 twisted pair via a 1:1 transformer.
See Table 19–2 for transformer details. The 1.544 MHz clock attached at the MCLK pin is internally
multiplied by 16 via an internal PLL and fed to the clock recovery system. The clock recovery system
uses the clock from the PLL circuit to form a 16 times over sampler, which is used to recover the clock
and data. This over sampling technique offers outstanding jitter tolerance (see Figure 19–2).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com