Electronic Components Datasheet Search
  English  ▼

X  

DS2196 Datasheet(PDF) 117 Page - Dallas Semiconductor

Part # DS2196
Description  T1 Dual Framer LIU
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2196 Datasheet(HTML) 117 Page - Dallas Semiconductor

Back Button DS2196 Datasheet HTML 113Page - Dallas Semiconductor DS2196 Datasheet HTML 114Page - Dallas Semiconductor DS2196 Datasheet HTML 115Page - Dallas Semiconductor DS2196 Datasheet HTML 116Page - Dallas Semiconductor DS2196 Datasheet HTML 117Page - Dallas Semiconductor DS2196 Datasheet HTML 118Page - Dallas Semiconductor DS2196 Datasheet HTML 119Page - Dallas Semiconductor DS2196 Datasheet HTML 120Page - Dallas Semiconductor DS2196 Datasheet HTML 121Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 157 page
background image
DS2196
117 of 157
is written to the TFDL, it will be multiplexed serially (LSB first) into the proper position in the outgoing
T1 data stream. After the full 8 bits has been shifted out, the framer will signal the host microcontroller
that the buffer is empty and that more data is needed by setting the SR2.3 bit to a 1. The INT will also
toggle low if enabled via IMR2.3. The user has 2 ms to update the TFDL with a new value. If the TFDL
is not updated, the old value in the TFDL will be transmitted once again. The framer also contains a zero
stuffer, which is controlled via the CCR2.4 bit. In both ANSI T1.403 and TR54016, communications on
the FDL follows a subset of a LAPD protocol. The LAPD protocol states that no more than five 1’s
should be transmitted in a row so that the data does not resemble an opening or closing flag (01111110)
or an abort signal (11111111). If enabled via CCR2.4, the framer will automatically look for five 1’s in a
row. If it finds such a pattern, it will automatically insert a 0 after the five 1’s. The CCR2.0 bit should
always be set to a 1 when the framer is inserting the FDL. More on how to use the DS2196 in FDL
applications is covered in a separate Application Note.
TFDLA: TRANSMIT FDL REGISTER for FORMATTER A (Address = 7E Hex)
TFDLB: TRANSMIT FDL REGISTER for FORMATTER B (Address = FE Hex)
[Also used to insert Fs framing pattern in D4 framing mode; see Section 18.3]
(MSB)
(LSB)
TFDL7
TFDL6
TFDL5
TFDL4
TFDL3
TFDL2
TFDL1
TFDL0
SYMBOL
POSITION
NAME AND DESCRIPTION
TFDL7
TFDL.7
MSB of the FDL code to be transmitted
TFDL0
TFDL.0
LSB of the FDL code to be transmitted
The Transmit FDL Register (TFDL) contains the Facility Data Link (FDL) information that is to be
inserted on a byte basis into the outgoing T1 data stream. The LSB is transmitted first.
18.3D4/SLC–96 OPERATION
In the D4 framing mode, the framer uses the TFDL register to insert the Fs framing pattern. To allow the
device to properly insert the Fs framing pattern, the TFDL register at address 7Eh must be programmed to
1Ch and the following bits must be programmed as shown: TCR1.2=0 (source Fs data from the TFDL
register) CCR2.5=1 (allow the TFDL register to load on multiframe boundaries)
Since the SLC–96 message fields share the Fs–bit position, the user can access the message fields via the
TFDL and RFDL registers. Please see the separate Application Note for a detailed description of how to
implement a SLC–96 function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com