Electronic Components Datasheet Search
  English  ▼

X  

DS2196 Datasheet(PDF) 119 Page - Dallas Semiconductor

Part # DS2196
Description  T1 Dual Framer LIU
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2196 Datasheet(HTML) 119 Page - Dallas Semiconductor

Back Button DS2196 Datasheet HTML 115Page - Dallas Semiconductor DS2196 Datasheet HTML 116Page - Dallas Semiconductor DS2196 Datasheet HTML 117Page - Dallas Semiconductor DS2196 Datasheet HTML 118Page - Dallas Semiconductor DS2196 Datasheet HTML 119Page - Dallas Semiconductor DS2196 Datasheet HTML 120Page - Dallas Semiconductor DS2196 Datasheet HTML 121Page - Dallas Semiconductor DS2196 Datasheet HTML 122Page - Dallas Semiconductor DS2196 Datasheet HTML 123Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 157 page
background image
DS2196
119 of 157
Normally, the clock that is output at the RCLKLO pin is the recovered clock from the T1 AMI/B8ZS
waveform presented at the RTIP and RRING inputs. When no AMI signal is present at RTIP and
RRING, a Receive Carrier Loss (LRCL) condition will occur and the RCLKLO will be sourced from the
clock applied at the MCLK pin. If the jitter attenuator is either placed in the transmit path or is disabled,
the RCLKLO output can exhibit slightly shorter high cycles of the clock. This is due to the highly over
sampled digital clock recovery circuitry. If the jitter attenuator is placed in the receive path (as is the case
in most applications), the jitter attenuator restores the RCLK to being close to 50% duty cycle. Please see
the Receive AC Timing Characteristics in Section 22 for more details.
19.2TRANSMIT WAVESHAPING AND LINE DRIVING
The DS2196 uses a set of laser–trimmed delay lines along with a precision Digital–to–Analog Converter
(DAC) to create the waveforms that are transmitted onto the T1 line. The waveforms created by the
DS2196 meet the latest ANSI, AT&T, and ITU specifications. See Figure 19–3. The user will select
which waveform is to be generated by properly programming the LBOS3/LBOS2/LBOS1/LBOS0 bits in
the Line Interface Control Register (LICR).
The DS2196 can set up in a number of various
configurations depending on the application. See Table 19–1 and Figure 19–1.
Table 19-1: LINE BUILD OUT SELECT IN LICR
LBO
S3
LBO
S2
LBO
S1
LBO
S0
LINE BUILD OUT
APPLICATION
0
0
0
0
0 to 133 feet/
DSX–1/0dB CSU
0
0
0
1
133 feet to 266
DSX–1
0
0
1
0
266 feet to 399
DSX–1
0
0
1
1
399 feet to 533
DSX–1
0
1
0
0
533 feet to 655
DSX–1
0
1
0
1
–7.5 dB
CSU
0
1
1
0
–15 dB
CSU
0
1
1
1
–22.5 dB
CSU
1
0
0
0
Square Wave Output
Custom Wave shape
1
0
0
1
Open Drain Output Driver
Enable
Custom Wave shape
NOTE:
LBOS3 is located at CCR7A.0.
Due to the nature of the design of the transmitter in the DS2196, very little jitter (less then 0.005 UIpp
broadband from 10 Hz to 100 kHz) is added to the jitter present on TCLKLI. Also, the waveforms that
they create are independent of the duty cycle of TCLKLI. The transmitter in the DS2196 couples to the
T1 transmit twisted pair via a 1:2 step up transformer for the as shown in Figure 19–1. In order for the
devices to create the proper waveforms, this transformer used must meet the specifications listed in Table
19–2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com