Electronic Components Datasheet Search
  English  ▼

X  

DS2196 Datasheet(PDF) 144 Page - Dallas Semiconductor

Part # DS2196
Description  T1 Dual Framer LIU
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2196 Datasheet(HTML) 144 Page - Dallas Semiconductor

Back Button DS2196 Datasheet HTML 140Page - Dallas Semiconductor DS2196 Datasheet HTML 141Page - Dallas Semiconductor DS2196 Datasheet HTML 142Page - Dallas Semiconductor DS2196 Datasheet HTML 143Page - Dallas Semiconductor DS2196 Datasheet HTML 144Page - Dallas Semiconductor DS2196 Datasheet HTML 145Page - Dallas Semiconductor DS2196 Datasheet HTML 146Page - Dallas Semiconductor DS2196 Datasheet HTML 147Page - Dallas Semiconductor DS2196 Datasheet HTML 148Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 157 page
background image
DS2196
144 of 157
AC CHARACTERISTICS – RECEIVE SIDE
(0ºC to +70ºC; VDD = 3.135 to 3.465V for DS2196L)
(-40ºC to +85ºC; VDD = 3.135 to 3.465V for DS2196LN)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
RCLKLO Period
tLP
648
ns
RCLKLO Pulse Width
tLH
tLL
250
250
324
324
ns
ns
1
1
RCLKLO Pulse Width
tLH
tCL
200
200
324
324
ns
ns
2
2
RCLKI Period
tCP
648
ns
RCLKI Pulse Width
tCH
tCL
75
75
ns
ns
RPOSI/RNEGI Set UP to
RCLKI Falling
tSU
20
ns
RPOSI/RNEGI Hold From
RCLKI Falling
tHD
20
ns
RCLKI Rise and Fall
Times
tR , tF
25
ns
Delay RCLKLO to
RPOSLO, RNEGLO Valid
tDD
50
ns
Delay RCLK to RSER,
RLINK Valid
tD1
50
ns
Delay RCLK to RCHCLK,
RFSYNC, RMSYNC,
RCHBLK, RLCLK
tD2
50
ns
Delay WCLK/PCLK to
WNRZ, PNRZ
tD3
50
ns
See Figures 22-8 to 22-9 for details.
NOTES:
1. Jitter attenuator enabled in the receive path.
2. Jitter attenuator disabled in the receive path.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com