Electronic Components Datasheet Search
  English  ▼

X  

DS2196 Datasheet(PDF) 145 Page - Dallas Semiconductor

Part # DS2196
Description  T1 Dual Framer LIU
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2196 Datasheet(HTML) 145 Page - Dallas Semiconductor

Back Button DS2196 Datasheet HTML 141Page - Dallas Semiconductor DS2196 Datasheet HTML 142Page - Dallas Semiconductor DS2196 Datasheet HTML 143Page - Dallas Semiconductor DS2196 Datasheet HTML 144Page - Dallas Semiconductor DS2196 Datasheet HTML 145Page - Dallas Semiconductor DS2196 Datasheet HTML 146Page - Dallas Semiconductor DS2196 Datasheet HTML 147Page - Dallas Semiconductor DS2196 Datasheet HTML 148Page - Dallas Semiconductor DS2196 Datasheet HTML 149Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 157 page
background image
DS2196
145 of 157
AC CHARACTERISTICS – TRANSMIT SIDE
(0ºC to +70ºC; VDD = 3.135 to 3.465V for DS2196L)
(-40ºC to +85ºC; VDD = 3.135 to 3.465V for DS2196LN)
PARAMETER
SYMBOL MIN TYP
MAX
UNITS NOTES
TCLK Period
tCP
648
ns
TCLK Pulse Width
tCH
tCL
75
75
ns
ns
TCLKLI Period
tLP
648
ns
TCLKLI Pulse Width
tLH
tLL
75
75
ns
ns
TSYNC Set Up to TCLK falling
tSU
20
t CH –5 or
t SH –5
ns
TSYNC Pulse Width
tPW
50
ns
TSER, TLINK Set Up to TCLK Falling
tSU
20
ns
TPOSLI, TNEGLI Set Up to TCLKLI
Falling
tSU
20
ns
TSER, TLINK Hold from TCLK Falling
tHD
20
ns
TPOSLI, TNEGLI Hold from TCLKLI
Falling
tHD
20
ns
TCLK, TCLKI Rise and Fall Times
tR , tF
25
ns
Delay TCLKO to TPOSO, TNEGO Valid
tDD
50
ns
Delay TCLK to TCHBLK, TCHBLK,
TSYNC, TLCLK
tD2
50
ns
See Figures 22–10 to 22–11 for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com